Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT80C31BH Datasheet(PDF) 2 Page - Rochester Electronics

Part # MT80C31BH
Description  CMOS SINGLE - CHIP 8-BIT MICROCOMPUTER 64K program Memory Space
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

MT80C31BH Datasheet(HTML) 2 Page - Rochester Electronics

  MT80C31BH Datasheet HTML 1Page - Rochester Electronics MT80C31BH Datasheet HTML 2Page - Rochester Electronics MT80C31BH Datasheet HTML 3Page - Rochester Electronics MT80C31BH Datasheet HTML 4Page - Rochester Electronics MT80C31BH Datasheet HTML 5Page - Rochester Electronics MT80C31BH Datasheet HTML 6Page - Rochester Electronics MT80C31BH Datasheet HTML 7Page - Rochester Electronics MT80C31BH Datasheet HTML 8Page - Rochester Electronics MT80C31BH Datasheet HTML 9Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M80C31BH/51BH
Specification Number 80C31/51-M (I) REV B
Page 2 of 9
Rochester Part Number
OCM Part Number
Package
Temperature
MC80C31BH
MC80C31BH
DIP-40
-55° to +125°C
MD80C31BH
MD80C31BH
DIP-40
-55° to +125°C
MR80C31BH
MR80C31BH
LLCC-44
-55° to +125°C
MT80C31BH
MT80C31BH
LDCC-44
-55° to +125°C
MZ80C31BH
MZ80C31BH
QFP-44
-55° to +125°C
MD80C51BH
MD80C51BH
DIP-40
-55° to +125°C
MR80C51BH
MR80C51BH
LLCC-44
-55° to +125°C
MT80C51BH
MT80C51BH
LDCC-44
-55° to +125°C
MZ80C51BH
MZ80C51BH
QFP-44
-55° to +125°C
Rochester Ordering Guide


Similar Part No. - MT80C31BH

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
MT80C154-12 TEMIC-MT80C154-12 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
MT80C154-16 TEMIC-MT80C154-16 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
MT80C154-20 TEMIC-MT80C154-20 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
MT80C154-25 TEMIC-MT80C154-25 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
MT80C154-30 TEMIC-MT80C154-30 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
More results

Similar Description - MT80C31BH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
89C535 PHILIPS-89C535 Datasheet
221Kb / 35P
   CMOS single-chip 8-bit microcontrollers with FLASH program memory
1997 June 05
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com