Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4049UBC Datasheet(PDF) 1 Page - Rochester Electronics

Part # CD4049UBC
Description  CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

CD4049UBC Datasheet(HTML) 1 Page - Rochester Electronics

  CD4049UBC Datasheet HTML 1Page - Rochester Electronics CD4049UBC Datasheet HTML 2Page - Rochester Electronics CD4049UBC Datasheet HTML 3Page - Rochester Electronics CD4049UBC Datasheet HTML 4Page - Rochester Electronics CD4049UBC Datasheet HTML 5Page - Rochester Electronics CD4049UBC Datasheet HTML 6Page - Rochester Electronics CD4049UBC Datasheet HTML 7Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CD4049/CD4050
© 2013 Rochester Electronics, LLC. All Rights Reserved 03122013
Specification Number CD4049_50UB-M-(N) REV -
Page 1 of 7
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.
For complete Rochester ordering guide, please refer to page 2
Please consult factory for specific package availability
TLF5971
March 1988
CD4049UBMCD4049UBC Hex Inverting Buffer
CD4050BMCD4050BC Hex Non-Inverting Buffer
General Description
These hex buffers are monolithic complementary MOS
(CMOS) integrated circuits constructed with N- and P-chan-
nel enhancement mode transistors These devices feature
logic level conversion using only one supply voltage (VDD)
The input signal high level (VIH) can exceed the VDD supply
voltage when these devices are used for logic level conver-
sions These devices are intended for use as hex buffers
CMOS to DTLTTL converters or as CMOS current drivers
and at VDD e 50V they can drive directly two DTLTTL
loads over the full operating temperature range
Features
Y
Wide supply voltage range
30V to 15V
Y
Direct drive to 2 TTL loads at 50V over full tempera-
ture range
Y
High source and sink current capability
Y
Special input protection permits input voltages greater
than VDD
Applications
Y
CMOS hex inverterbuffer
Y
CMOS to DTLTTL hex converter
Y
CMOS current ‘‘sink’’ or ‘‘source’’ driver
Y
CMOS high-to-low logic level converter
Connection Diagrams
CD4049UBMCD4049UBC
Dual-In-Line Package
TLF5971 – 1
Top View
Order Number CD4049UB or CD4049B
CD4050BMCD4050BC
Dual-In-Line Package
TLF5971 – 2
Top View
Order Number CD4050UB or CD4050B
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4049UBC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4049UBC NSC-CD4049UBC Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBCJ NSC-CD4049UBCJ Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com