Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4049UBMB Datasheet(PDF) 2 Page - Rochester Electronics

Part # CD4049UBMB
Description  CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

CD4049UBMB Datasheet(HTML) 2 Page - Rochester Electronics

  CD4049UBMB Datasheet HTML 1Page - Rochester Electronics CD4049UBMB Datasheet HTML 2Page - Rochester Electronics CD4049UBMB Datasheet HTML 3Page - Rochester Electronics CD4049UBMB Datasheet HTML 4Page - Rochester Electronics CD4049UBMB Datasheet HTML 5Page - Rochester Electronics CD4049UBMB Datasheet HTML 6Page - Rochester Electronics CD4049UBMB Datasheet HTML 7Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CD4049/CD4050
Specification Number CD4049_50UB-M-(N) REV -
Page 2 of 7
Rochester Part Number
National Part Number
Package
Temperature
CD4049UBCJ
CD4049UBCJ
CDIP-16
-40° to +85°C
CD4049UBCJ/A+
CD4049UBCJ/A+
CDIP-16
-40° to +85°C
CD4049UBCM
CD4049UBCM
SOP-16, Plastic
-40° to +85°C
CD4049UBCN
CD4049UBCN
PDIP-16
-40° to +85°C
CD4049UBCN/A+
CD4049UBCN/A+
PDIP-16
-40° to +85°C
CD4049UBCN/B+
CD4049UBCN/B+
PDIP-16
-40° to +85°C
CD4049UBMJ
CD4049UBMJ
CDIP-16
-55° to +125°C
CD4049UBMJ/B
CD4049UBMJ/883
CDIP-16
-55° to +125°C
CD4049UBMN
CD4049UBMN
PDIP-16
-55° to +125°C
CD4049UBMW
CD4049UBMW
FP-16, Ceramic
-55° to +125°C
CD4049UBMW/B
CD4049UBMW/883
FP-16, Ceramic
-55° to +125°C
CD4050BCJ
CD4050BCJ
CDIP-16
-40° to +85°C
CD4050BCJ/A+
CD4050BCJ/A+
CDIP-16
-40° to +85°C
CD4050BCM
CD4050BCM
SOP-16, Plastic
-40° to +85°C
CD4050BCM/A+
CD4050BCM/A+
SOP-16, Plastic
-40° to +85°C
CD4050BCN
CD4050BCN
PDIP-16
-40° to +85°C
CD4050BCN/A+
CD4050BCN/A+
PDIP-16
-40° to +85°C
CD4050BCN/B+
CD4050BCN/B+
PDIP-16
-40° to +85°C
CD4050BMD
CD4050BMD
CDIP-16
-55° to +125°C
CD4050BMJ
CD4050BMJ
CDIP-16
-55° to +125°C
CD4050BMN
CD4050BMN
PDIP-16
-55° to +125°C
CD4050BMW
CD4050BMW
CDIP-16
-55° to +125°C
Rochester Ordering Guide
*Most products can also be offered as RoHS compliant, designated by a –G suffix. Please contact factory for more information.


Similar Part No. - CD4049UBMB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Texas Instruments
CD4049UBM TI-CD4049UBM Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4049UBM TI1-CD4049UBM Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
CD4049UBM96 TI-CD4049UBM96 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4049UBM96 TI1-CD4049UBM96 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com