Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP610LC-15 Datasheet(PDF) 7 Page - Rochester Electronics

Part # EP610LC-15
Description  High-performance, 16-macrocell Classic EPLD Pipelined data rates of up to 100 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

EP610LC-15 Datasheet(HTML) 7 Page - Rochester Electronics

  EP610LC-15 Datasheet HTML 1Page - Rochester Electronics EP610LC-15 Datasheet HTML 2Page - Rochester Electronics EP610LC-15 Datasheet HTML 3Page - Rochester Electronics EP610LC-15 Datasheet HTML 4Page - Rochester Electronics EP610LC-15 Datasheet HTML 5Page - Rochester Electronics EP610LC-15 Datasheet HTML 6Page - Rochester Electronics EP610LC-15 Datasheet HTML 7Page - Rochester Electronics EP610LC-15 Datasheet HTML 8Page - Rochester Electronics EP610LC-15 Datasheet HTML 9Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
EP610
Specification Number EP610-CI (AT) REV -
Page 7 of 9
AC Operating Conditions: EP610-15 & EP610-20 Note (1)
EP610-25
EP610-25T
EP610-20
EP610-20T EP610-35
Non-
Turbo
Adder
Symbol
Parameter
Conditions Min Max Min Max Min Max
Unit
tPD1
Input to non-registered output
C1 = 35 pF
25
30
35
30
ns
tPD2
I/O input to non-registered output
27
32
37
30
ns
tPZX
Input to output enable
25
30
35
30
ns
tPXZ
Input to output disable
C1 = 5 pF
Note (2)
25
30
35
30
ns
tCLR
Asynchronous output clear time
C1 = 35 pF
27
32
37
30
ns
tIO
I/O input pad and buffer delay
2
2
2
0
ns
fMAX
Maximum clock frequency
Note (3)
47.6
41.7
37.0
0
MHz
tSU
Global clock input setup time
21
24
27
30
ns
tH
Global clock input hold time
0
0
0
0
ns
tCH
Global clock high time
10
11
12
0
ns
tCL
Global clock low time
10
11
12
0
ns
tCO1
Global clock to output delay
15
17
20
0
ns
tCNT
Global clock minimum period
25
30
35
0
ns
fCNT
Global clock internal maximum
frequency
Note (4)
40.0
33.3
28.6
0
MHz
tASU
Array clock input setup time
8
8
8
30
ns
tAH
Array clock input hold time
12
12
12
0
ns
tACH
Array clock high time
10
11
12
0
ns
tACL
Array clock low time
10
11
12
0
ns
tACO1
Array clock to output delay
27
32
37
30
ns
tACNT
Array clock minimum period
25
30
35
0
ns
fACNT
Array clock internal maximum
frequency
Note (4)
40.0
33.3
28.6
0
MHz
Notes to tables:
(1) Operating conditions: VCC = 5 V ± 5%, TA = 0° C to 70° C for commercial use.
VCC = 5 V ± 10%, TA = -40° C to 85° C for industrial use.
VCC = 5 V ± 10%, TC = -55° C to 125° C for military use.
(2) Sample-tested only for an output change of 500 mV.
(3) The fMAX values represent the highest frequency for pipelined data.
(4) Measured with a device programmed as a 16-bit counter. ICC measured at 0° C.


Similar Part No. - EP610LC-15

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP610 ALTERA-EP610 Datasheet
1Mb / 41P
   Classic EPLD Family
EP610 ALTERA-EP610 Datasheet
639Kb / 42P
   The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
EP610I ALTERA-EP610I Datasheet
1Mb / 41P
   Classic EPLD Family
EP610I ALTERA-EP610I Datasheet
639Kb / 42P
   The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
More results

Similar Description - EP610LC-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP910EPLD ETC-EP910EPLD Datasheet
24Kb / 1P
   HIGH PERFORMANCE 24 MACROCELL EPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
Cypress Semiconductor
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
CY7C344 CYPRESS-CY7C344 Datasheet
475Kb / 15P
   32-Macrocell MAX EPLD
CY7C343B CYPRESS-CY7C343B_04 Datasheet
183Kb / 11P
   64-Macrocell MAX짰 EPLD
CY7C344-20JI CYPRESS-CY7C344-20JI Datasheet
556Kb / 15P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com