Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP610LC-25 Datasheet(PDF) 2 Page - Rochester Electronics

Part # EP610LC-25
Description  High-performance, 16-macrocell Classic EPLD Pipelined data rates of up to 100 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

EP610LC-25 Datasheet(HTML) 2 Page - Rochester Electronics

  EP610LC-25 Datasheet HTML 1Page - Rochester Electronics EP610LC-25 Datasheet HTML 2Page - Rochester Electronics EP610LC-25 Datasheet HTML 3Page - Rochester Electronics EP610LC-25 Datasheet HTML 4Page - Rochester Electronics EP610LC-25 Datasheet HTML 5Page - Rochester Electronics EP610LC-25 Datasheet HTML 6Page - Rochester Electronics EP610LC-25 Datasheet HTML 7Page - Rochester Electronics EP610LC-25 Datasheet HTML 8Page - Rochester Electronics EP610LC-25 Datasheet HTML 9Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EP610
Specification Number EP610-CI (AT) REV -
Page 2 of 9
Rochester Part Number
Altera Part Number
Package
Temperature
EP610DC-25
EP610DC-25
CDIP-24
0° to +70°C
EP610DC-30
EP610DC-30
CDIP-24
0° to +70°C
EP610DC-35
EP610DC-35
CDIP-24
0° to +70°C
EP610DI-30
EP610DI-30
CDIP-24
-40° to +85°C
EP610DI-35
EP610DI-35
CDIP-24
-40° to +85°C
EP610DM-35
EP610DM-35
CDIP-24
-55° to +125°C
EP610DM/B
EP610DM883B
CDIP-24
-55° to +125°C
EP610JC-25
EP610JC-25
LDCC-28, Ceramic
0° to +70°C
EP610JC-30
EP610JC-30
LDCC-28, Ceramic
0° to +70°C
EP610JC-35
EP610JC-35
LDCC-28, Ceramic
0° to +70°C
EP610JI-30
EP610JI-30
LDCC-28, Ceramic
-40° to +85°C
EP610JI-35
EP610JI-35
LDCC-28, Ceramic
-40° to +85°C
EP610JM-35
EP610JM-35
LDCC-28, Ceramic
-55° to +125°C
EP610JM-40
EP610JM-40
LDCC-28, Ceramic
-55° to +125°C
EP610LC-15
EP610LC-15
LDCC-28, Plastic
0° to +70°C
EP610LC-20
EP610LC-20
LDCC-28, Plastic
0° to +70°C
EP610LC-25
EP610LC-25
LDCC-28, Plastic
0° to +70°C
EP610LC-30
EP610LC-30
LDCC-28, Plastic
0° to +70°C
EP610LI-20
EP610LI-20
LDCC-28, Plastic
-40° to +85°C
EP610LI-30
EP610LI-30
LDCC-28, Plastic
-40° to +85°C
EP610LI-35
EP610LI-35
LDCC-28, Plastic
-40° to +85°C
EP610PC-15
EP610PC-15
PDIP-24
0° to +70°C
EP610PC-20
EP610PC-20
PDIP-24
0° to +70°C
EP610PC-25
EP610PC-25
PDIP-24
0° to +70°C
EP610PC-30
EP610PC-30
PDIP-24
0° to +70°C
EP610PC-35
EP610PC-35
PDIP-24
0° to +70°C
EP610PI-30
EP610PI-30
PDIP-24
-40° to +85°C
EP610PI-35
EP610PI-35
PDIP-24
-40° to +85°C
EP610SC-15
EP610SC-15
SOP-24, Plastic
0° to +70°C
EP610SC-20
EP610SC-20
SOP-24, Plastic
0° to +70°C
EP610SC-25
EP610SC-25
SOP-24, Plastic
0° to +70°C
EP610SC-30
EP610SC-30
SOP-24, Plastic
0° to +70°C
Rochester Ordering Guide
*Most products can also be offered as RoHS compliant, designated by a –G suffix. Please contact factory for more information.


Similar Part No. - EP610LC-25

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP610 ALTERA-EP610 Datasheet
1Mb / 41P
   Classic EPLD Family
EP610 ALTERA-EP610 Datasheet
639Kb / 42P
   The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
EP610I ALTERA-EP610I Datasheet
1Mb / 41P
   Classic EPLD Family
EP610I ALTERA-EP610I Datasheet
639Kb / 42P
   The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
More results

Similar Description - EP610LC-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP910EPLD ETC-EP910EPLD Datasheet
24Kb / 1P
   HIGH PERFORMANCE 24 MACROCELL EPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
Cypress Semiconductor
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
CY7C344 CYPRESS-CY7C344 Datasheet
475Kb / 15P
   32-Macrocell MAX EPLD
CY7C343B CYPRESS-CY7C343B_04 Datasheet
183Kb / 11P
   64-Macrocell MAX짰 EPLD
CY7C344-20JI CYPRESS-CY7C344-20JI Datasheet
556Kb / 15P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com