Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP610LC-30 Datasheet(PDF) 1 Page - Rochester Electronics

Part # EP610LC-30
Description  High-performance, 16-macrocell Classic EPLD Pipelined data rates of up to 100 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

EP610LC-30 Datasheet(HTML) 1 Page - Rochester Electronics

  EP610LC-30 Datasheet HTML 1Page - Rochester Electronics EP610LC-30 Datasheet HTML 2Page - Rochester Electronics EP610LC-30 Datasheet HTML 3Page - Rochester Electronics EP610LC-30 Datasheet HTML 4Page - Rochester Electronics EP610LC-30 Datasheet HTML 5Page - Rochester Electronics EP610LC-30 Datasheet HTML 6Page - Rochester Electronics EP610LC-30 Datasheet HTML 7Page - Rochester Electronics EP610LC-30 Datasheet HTML 8Page - Rochester Electronics EP610LC-30 Datasheet HTML 9Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EP610
© 2013 Rochester Electronics, LLC. All Rights Reserved 04112013
Specification Number EP610-CI (AT) REV -
Page 1 of 9
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.
For complete Rochester ordering guide, please refer to page 2
Please contact factory for specific package availability and
Military/Aerospace specifications/availability.
Features
Figure 1. EP610 Package Pin-Out Diagrams
Package outlines not drawn to scale. Windows in ceramic packages only.
High-performance, 16-macrocell Classic EPLD
- Combinatorial speeds with tPD as low as 10 ns
- Counter frequencies of up to 100 MHz
- Pipelined data rates of up to 100 MHz
Programmable I/O architecture with up to 20 inputs or 16 outputs
and 2 Clock pins
The following devices are pin-, function-, and programming
file-compatible: EP610, EP610I, EP610T, EP610-XX/B, EP600I, and
PALCE610
Programmable Clock option for independent clocking of all registers
Macrocells individually programmable as D, T, JK, or SR flipflops, or
for combinatorial operation
Available in windowed ceramic and one-time-programmable (OTP)
plastic packages (see Figure 1):
- 24-pin small-outline integrated circuit (plastic SOIC only)
- 24-pin dual in-line package (CerDIP and PDIP)
- 28-pin plastic J-lead chip carrier (PLCC)
CLK1
INPUT
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
INPUT
GND
CLK1
INPUT
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
INPUT
GND
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
5
6
7
8
9
10
11
25
24
23
22
21
20
19
VCC
INPUT
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
INPUT
CLK2
I/O
I/O
I/O
I/O
I/O
I/O
NC
I/O
I/O
I/O
I/O
I/O
I/O
NC
24
23
22
21
20
19
18
17
16
15
14
13
VCC
INPUT
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
INPUT
CLK2
24-Pin SOIC
EP610
EP610T
EP610
EP610T
EP610I
EP610
EP610T
EP610-XX/B
EP610I
24-Pin DIP
28-Pin J-Lead
4
3
2
1
28
27
26
12
13
14
15
16
17
18
1 •
2
3
4
5
6
7
8
9
10
11
12


Similar Part No. - EP610LC-30

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP610 ALTERA-EP610 Datasheet
1Mb / 41P
   Classic EPLD Family
EP610 ALTERA-EP610 Datasheet
639Kb / 42P
   The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
EP610I ALTERA-EP610I Datasheet
1Mb / 41P
   Classic EPLD Family
EP610I ALTERA-EP610I Datasheet
639Kb / 42P
   The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
More results

Similar Description - EP610LC-30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP910EPLD ETC-EP910EPLD Datasheet
24Kb / 1P
   HIGH PERFORMANCE 24 MACROCELL EPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
Cypress Semiconductor
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
CY7C344 CYPRESS-CY7C344 Datasheet
475Kb / 15P
   32-Macrocell MAX EPLD
CY7C343B CYPRESS-CY7C343B_04 Datasheet
183Kb / 11P
   64-Macrocell MAX짰 EPLD
CY7C344-20JI CYPRESS-CY7C344-20JI Datasheet
556Kb / 15P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com