Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP610LI-20 Datasheet(PDF) 9 Page - Rochester Electronics

Part # EP610LI-20
Description  High-performance, 16-macrocell Classic EPLD Pipelined data rates of up to 100 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

EP610LI-20 Datasheet(HTML) 9 Page - Rochester Electronics

  EP610LI-20 Datasheet HTML 1Page - Rochester Electronics EP610LI-20 Datasheet HTML 2Page - Rochester Electronics EP610LI-20 Datasheet HTML 3Page - Rochester Electronics EP610LI-20 Datasheet HTML 4Page - Rochester Electronics EP610LI-20 Datasheet HTML 5Page - Rochester Electronics EP610LI-20 Datasheet HTML 6Page - Rochester Electronics EP610LI-20 Datasheet HTML 7Page - Rochester Electronics EP610LI-20 Datasheet HTML 8Page - Rochester Electronics EP610LI-20 Datasheet HTML 9Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
EP610
Specification Number EP610-CI (AT) REV -
Page 9 of 9
AC Operating Conditions: EP610I Note (1)
EP610I-10 EP610I-15 EP610I-25 Non-Turbo
Adder
Symbol
Parameter
Min Max Min Max Min Max
Unit
tPD1
Input to non-registered output, Note (2)
10
15
25
25
ns
tPD2
I/O input to non-registered output, Note (2)
10
15
25
25
ns
tPZX
Input to output enable
15
18
25
25
ns
tPXZ
Input to output disable, Note (3)
13
18
25
25
ns
tCLR
Asynchronous output clear time
13
18
25
25
ns
fMAX
Maximum clock frequency
111
83.3
66
0
MHz
tSU
Global clock input setup time
7
12
15
25
ns
tH
Global clock input hold time
0
0
0
0
ns
tCH
Global clock high time
5
6
7.5
0
ns
tCL
Global clock low time
5
6
7.5
0
ns
tCO1
Global clock to output delay
6.5
8
10
0
ns
tCNT
Global clock minimum period
10
15
25
25
ns
fCNT
Global clock internal maximum frequency,
Note (4)
100
66
40
0
MHz
tASU
Array clock input setup time
2
4
5
25
ns
tAH
Array clock input hold time
3
6
8
0
ns
tACH
Array clock high time
5
7.5
10
0
ns
tACL
Array clock low time
5
7.5
10
0
ns
tACO1
Array clock to output delay
12
16
25
25
ns
tACNT
Array clock minimum period, Note (4)
10
15
25
25
ns
fACNT
Array clock internal maximum frequency,
Note (4)
100
66
40
0
MHz
Notes to tables:
(1) Operating conditions: VCC = 5 V ± 5%, TA = 0° C to 70° C for commercial use.
VCC = 5 V ± 10%, TA = -40° C to 85° C for industrial use.
(2) Measured with eight outputs switching.
(3) Sample-tested only for an output change of 500 mV.
(4) Measured with a device programmed as a 16-bit counter.
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.


Similar Part No. - EP610LI-20

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP610 ALTERA-EP610 Datasheet
1Mb / 41P
   Classic EPLD Family
EP610 ALTERA-EP610 Datasheet
639Kb / 42P
   The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
EP610I ALTERA-EP610I Datasheet
1Mb / 41P
   Classic EPLD Family
EP610I ALTERA-EP610I Datasheet
639Kb / 42P
   The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
More results

Similar Description - EP610LI-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EP910EPLD ETC-EP910EPLD Datasheet
24Kb / 1P
   HIGH PERFORMANCE 24 MACROCELL EPLD
logo
Altera Corporation
EP1810 ALTERA-EP1810 Datasheet
1Mb / 41P
   Classic EPLD Family
logo
Cypress Semiconductor
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
CY7C344 CYPRESS-CY7C344 Datasheet
475Kb / 15P
   32-Macrocell MAX EPLD
CY7C343B CYPRESS-CY7C343B_04 Datasheet
183Kb / 11P
   64-Macrocell MAX짰 EPLD
CY7C344-20JI CYPRESS-CY7C344-20JI Datasheet
556Kb / 15P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com