Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S80C196KC-20 Datasheet(PDF) 8 Page - Rochester Electronics

Part # S80C196KC-20
Description  POWERFUL MICROCONTROLLER for use in the automotive market
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

S80C196KC-20 Datasheet(HTML) 8 Page - Rochester Electronics

Back Button S80C196KC-20 Datasheet HTML 4Page - Rochester Electronics S80C196KC-20 Datasheet HTML 5Page - Rochester Electronics S80C196KC-20 Datasheet HTML 6Page - Rochester Electronics S80C196KC-20 Datasheet HTML 7Page - Rochester Electronics S80C196KC-20 Datasheet HTML 8Page - Rochester Electronics S80C196KC-20 Datasheet HTML 9Page - Rochester Electronics S80C196KC-20 Datasheet HTML 10Page - Rochester Electronics S80C196KC-20 Datasheet HTML 11Page - Rochester Electronics S80C196KC-20 Datasheet HTML 12Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8XC196KC/8XC196KC20
PIN DESCRIPTIONS
Symbol
Name and Function
VCC
Main supply voltage (5V).
VSS
Digital circuit ground (0V). There are multiple VSS pins, all of which must be connected.
VREF
Reference voltage for the A/D converter (5V). VREF is also the supply voltage to the analog
portion of the A/D converter and the logic used to read Port 0. Must be connected for A/D
and Port 0 to function.
ANGND
Reference ground for the A/D converter. Must be held at nominally the same potential as
VSS.
VPP
Timing pin for the return from powerdown circuit. This pin also supplies the programming
voltage on the EPROM device.
XTAL1
Input of the oscillator inverter and of the internal clock generator.
XTAL2
Output of the oscillator inverter.
CLKOUT
Output of the internal clock generator. The frequency of CLKOUT is
the oscillator
frequency.
RESET
Reset input and open drain output.
BUSWIDTH
Input for buswidth selection. If CCR bit 1 is a one, this pin selects the bus width for the bus
cycle in progress. If BUSWIDTH is a 1, a 16-bit bus cycle occurs. If BUSWIDTH isa0an
8-bit cycle occurs. If CCR bit 1 is a 0, the bus is always an 8-bit bus.
NMI
A positive transition causes a vector through 203EH.
INST
Output high during an external memory read indicates the read is an instruction fetch. INST
is valid throughout the bus cycle. INST is activated only during external memory accesses
and output low for a data fetch.
EA
Input for memory select (External Access). EA equal high causes memory accesses to
locations 2000H through 5FFFH to be directed to on-chip ROM/E PROM. EA equal to low
causes accesses to those locations to be directed to off-chip memory. Also used to enter
programming mode.
ALE/ADV
Address Latch Enable or Address Valid output, as selected by CCR. Both pin options
provide a signal to demultiplex the address from the address/data bus. When the pin is
ADV, it goes inactive high at the end of the bus cycle. ALE/ADV is activated only during
external memory accesses.
RD
Read signal output to external memory. RD is activated only during external memory reads.
WR/WRL
Write and Write Low output to external memory, as selected by the CCR. WR will go low for
every external write, while WRL will go low only for external writes where an even byte is
being written. WR/WRL is activated only during external memory writes.
BHE/WRH
Bus High Enable or Write High output to external memory, as selected by the CCR. BHE will
go low for external writes to the high byte of the data bus. WRH will go low for external
writes where an odd byte is being written. BHE/WRH is activated only during external
memory writes.
READY
Ready input to lengthen external memory cycles, for interfacing to slow or dynamic memory,
or for bus sharing. When the external memory is not being used, READY has no effect.
HSI
Inputs to High Speed Input Unit. Four HSI pins are available: HSI.0, HSI.1, HSI.2 and HSI.3.
Two of them (HSI.2 and HSI.3) are shared with the HSO Unit.
HSO
Outputs from High Speed Output Unit. Six HSO pins are available: HSO.0, HSO.1, HSO.2,
HSI.3, HSO.4 and HSO.5. Two of them (HSO.4 and HSO.5) are shared with the HSI Unit.
Port 0
8-bit high impedance input-only port. These pins can be used as digital inputs and/or as
analog inputs to the on-chip A/D converter.
Port 1
8-bit quasi-bidirectional I/O port.
Port 2
8-bit multi-functional port. All of its pins are shared with other functions in the 80C196KC.
Pins 2.6 and 2.7 are quasi-bidirectional.
7


Similar Part No. - S80C196KC-20

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
S80C196KC INTEL-S80C196KC Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
S80C196KC20 INTEL-S80C196KC20 Datasheet
322Kb / 25P
   COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results

Similar Description - S80C196KC-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N567GXXX ETC2-N567GXXX Datasheet
638Kb / 15P
   powerful microcontroller
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
   The Smallest Dimension in the Market
logo
FCI connector
59453-041110EDHLF FCI-CONNECTOR-59453-041110EDHLF Datasheet
2Mb / 22P
   Selection of connectors for the Non-Automotive Transportation Market
logo
List of Unclassifed Man...
N567KXXX ETC2-N567KXXX Datasheet
638Kb / 15P
   powerful microcontroller (uC)
N567K081 ETC2-N567K081 Datasheet
519Kb / 11P
   powerful microcontroller (uC)
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
   one of the smallest SSDs in the market
logo
RF Monolithics, Inc
DM1810-434-XK RFM-DM1810-434-XK Datasheet
95Kb / 1P
   ETSI-certified for the European market
logo
Panasonic Semiconductor
AN3275SB PANASONIC-AN3275SB Datasheet
124Kb / 15P
   CM detection IC for VCRs in the North American market
logo
NEC
T120B-M NEC-T120B-M Datasheet
872Kb / 2P
   The powerful departmental server
logo
List of Unclassifed Man...
MINI-M4 ETC2-MINI-M4 Datasheet
1Mb / 16P
   The whole Stellaris짰 development board fitted in DIP40 form factor, containing powerful LX4F320H5QR microcontroller.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com