Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X28HC256S-12 Datasheet(PDF) 7 Page - Rochester Electronics

Part # X28HC256S-12
Description  LOW POWER CMOS EEPROM with hi-speed page write capability 256K EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

X28HC256S-12 Datasheet(HTML) 7 Page - Rochester Electronics

Back Button X28HC256S-12 Datasheet HTML 3Page - Rochester Electronics X28HC256S-12 Datasheet HTML 4Page - Rochester Electronics X28HC256S-12 Datasheet HTML 5Page - Rochester Electronics X28HC256S-12 Datasheet HTML 6Page - Rochester Electronics X28HC256S-12 Datasheet HTML 7Page - Rochester Electronics X28HC256S-12 Datasheet HTML 8Page - Rochester Electronics X28HC256S-12 Datasheet HTML 9Page - Rochester Electronics X28HC256S-12 Datasheet HTML 10Page - Rochester Electronics X28HC256S-12 Datasheet HTML 11Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
6
FN8108.2
May 7, 2007
DATA Polling I/O7
DATA Polling can effectively halve the time for writing to the
X28HC256. The timing diagram in Figure 2 illustrates the
sequence of events on the bus. The software flow diagram in
Figure 3 illustrates one method of implementing the routine.
CE
OE
WE
I/O7
X28HC256
READY
LAST
WRITE
HIGH Z
VOL
VIH
A0 TO A14
An
An
An
An
An
An
VOH
An
FIGURE 2. DATA POLLING BUS SEQUENCE
WRITE DATA
SAVE LAST DATA
AND ADDRESS
READ LAST
ADDRESS
IO7
COMPARE?
X28HC256
NO
YES
WRITES
COMPLETE?
NO
YES
READY
FIGURE 3. DATA POLLING SOFTWARE FLOW
X28HC256


Similar Part No. - X28HC256S-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC256S-12 XICOR-X28HC256S-12 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC256S-12 INTERSIL-X28HC256S-12 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
More results

Similar Description - X28HC256S-12

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE512 GREENLIANT-GLS29EE512 Datasheet
871Kb / 23P
   512 Kbit (64K x8) Page-Write EEPROM
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
ATMEL Corporation
AT28HC64BF ATMEL-AT28HC64BF_09 Datasheet
373Kb / 16P
   64K High Speed Parallel EEPROM with Page Write and Sfotware Data Protection
logo
Silicon Storage Technol...
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
   256K I2C CMOS Serial EEPROM
01/05/10
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
   256K I2C??CMOS Serial EEPROM
1998-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com