Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS20957STRPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRS20957STRPBF
Description  Protected Digital Audio Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS20957STRPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRS20957STRPBF Datasheet HTML 7Page - International Rectifier IRS20957STRPBF Datasheet HTML 8Page - International Rectifier IRS20957STRPBF Datasheet HTML 9Page - International Rectifier IRS20957STRPBF Datasheet HTML 10Page - International Rectifier IRS20957STRPBF Datasheet HTML 11Page - International Rectifier IRS20957STRPBF Datasheet HTML 12Page - International Rectifier IRS20957STRPBF Datasheet HTML 13Page - International Rectifier IRS20957STRPBF Datasheet HTML 14Page - International Rectifier IRS20957STRPBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IRS20957S
www.irf.com
© 2008 International Rectifier
11
Lead Definitions
Pin #
Symbol
Description
1
VDD
Floating input positive supply
2
CSD
Shutdown timing capacitor, referenced to VSS
3
IN
PWM non-inverting input, in phase with HO
4
VSS
Floating input supply return
5
NC
6
VREF
5V reference output for setting OCSET
7
OCSET
Low side over current threshold setting, referenced to COM
8
DT
Input for programmable dead-time, referenced to COM
9
COM
Low side supply return
10
LO
Low side output
11
VCC
Low side logic supply
12
NC
13
VS
High side floating supply return
14
HO
High side output
15
VB
High side floating supply
16
CSH
High side over current sensing input, referenced to VS
Lead Assignments
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDD
IN
CSD
VSS
OCSET
DT
VREF
COM
LO
VCC
HO
VS
CSH
VB
NC
NC


Similar Part No. - IRS20957STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS20957S IRF-IRS20957S Datasheet
303Kb / 16P
   Protected Digital Audio Driver
logo
Infineon Technologies A...
IRS20957S INFINEON-IRS20957S Datasheet
463Kb / 18P
   Protected Digital Audio Driver
Sept 19, 2016 Datasheet No-PD
logo
International Rectifier
IRS20957SPBF IRF-IRS20957SPBF Datasheet
303Kb / 16P
   Protected Digital Audio Driver
IRS20957SPBF IRF-IRS20957SPBF_15 Datasheet
303Kb / 16P
   Protected Digital Audio Driver
More results

Similar Description - IRS20957STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS20954S IRF-IRS20954S Datasheet
585Kb / 25P
   Protected Digital Audio Driver
logo
Infineon Technologies A...
IRS20957S INFINEON-IRS20957S Datasheet
463Kb / 18P
   Protected Digital Audio Driver
Sept 19, 2016 Datasheet No-PD
logo
International Rectifier
IRS20957SPBF IRF-IRS20957SPBF_15 Datasheet
303Kb / 16P
   Protected Digital Audio Driver
IRS20955PBF IRF-IRS20955PBF Datasheet
543Kb / 21P
   PROTECTED DIGITAL AUDIO DRIVER
IRS2092 IRF-IRS2092_15 Datasheet
459Kb / 17P
   PROTECTED DIGITAL AUDIO AMPLIFIER
IRS2092 IRF-IRS2092_10 Datasheet
414Kb / 18P
   PROTECTED DIGITAL AUDIO AMPLIFIER
IRS2092 IRF-IRS2092 Datasheet
370Kb / 18P
   PROTECTED DIGITAL AUDIO AMPLIFIER
logo
Infineon Technologies A...
IRS2092 INFINEON-IRS2092 Datasheet
459Kb / 17P
   PROTECTED DIGITAL AUDIO AMPLIFIER
October 24, 2013
logo
Rohm
BA3578FS ROHM-BA3578FS Datasheet
227Kb / 11P
   Headphone driver for digital audio
logo
International Rectifier
IRAUDAMP7D IRF-IRAUDAMP7D Datasheet
649Kb / 43P
   25W-500W Scalable Output Power Class D Audio Power Amplifier Reference Design Using the IRS2092 Protected Digital Audio Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com