Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2092STRPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRS2092STRPBF
Description  PROTECTED DIGITAL AUDIO AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2092STRPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS2092STRPBF Datasheet HTML 3Page - International Rectifier IRS2092STRPBF Datasheet HTML 4Page - International Rectifier IRS2092STRPBF Datasheet HTML 5Page - International Rectifier IRS2092STRPBF Datasheet HTML 6Page - International Rectifier IRS2092STRPBF Datasheet HTML 7Page - International Rectifier IRS2092STRPBF Datasheet HTML 8Page - International Rectifier IRS2092STRPBF Datasheet HTML 9Page - International Rectifier IRS2092STRPBF Datasheet HTML 10Page - International Rectifier IRS2092STRPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
IRS2092
www.irf.com
© 2007 International Rectifier
7
Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions below. The Vs and COM offset ratings
are tested with supplies biased at VAA-VSS=10 V, VCC=12 V and VB-VS=12 V. All voltage parameters are absolute voltages
referenced to COM; all currents are defined positive into any lead.
Symbol
Definition
Min.
Max.
Units
VB
High side floating supply absolute voltage
VS +10
VS +18
VS
High side floating supply offset voltage
(Note 1)
200
V
IAAZ
Floating input positive supply zener clamp current
1
11
ISSZ
Floating input negative supply zener clamp current
1
11
mA
VSS
Floating input supply absolute voltage
0
200
VHO
High side floating output voltage
Vs
VB
VCC
Low side fixed supply voltage
10
18
VLO
Low side output voltage
0
VCC
VGND
GND pin input voltage
VSS (Note 3)
VAA (Note 3)
VIN-
Inverting input voltage
VGND -0.5
VGND +0.5
VCSD
CSD pin input voltage
VSS
VAA
VCOMP
COMP pin input voltage
VSS
VAA
V
CCOMP
COMP pin phase compensation capacitor to GND
1
-
nF
VDT
DT pin input voltage
0
VCC
V
IOREF
Reference output current to COM (Note 2)
0.3
0.8
mA
VOCSET
OCSET pin input voltage
0.5
5
VCSH
CSH pin input voltage
Vs
VB
V
dVss/dt
Allowable Vss voltage slew rate upon power-up (Note4)
-
50
V/ms
IPW
Input pulse width
10 (Note 5)
-
ns
fSW
Switching Frequency
-
800
kHz
TA
Ambient Temperature
-40
125
°C
Note 1: Logic operational for Vs equal to –5 V to +200 V. Logic state held for Vs equal to –5 V to –VBS.
Note 2: Nominal voltage for VREF is 5.1 V. IOREF of 0.3 – 0.8 mA dictates total external resistor value on VREF to be 6.3 kΩ to
16.7 kΩ.
Note 3: GND input voltage is limited by IAAZ and ISSZ.
Note 4: VSS ramps up from 0 V to 200 V.
Note 5: Output logic status may not respond correctly if input pulse width is smaller than the minimum pulse width.


Similar Part No. - IRS2092STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2092STRPBF IRF-IRS2092STRPBF Datasheet
370Kb / 18P
   PROTECTED DIGITAL AUDIO AMPLIFIER
logo
Infineon Technologies A...
IRS2092STRPBF INFINEON-IRS2092STRPBF Datasheet
459Kb / 17P
   PROTECTED DIGITAL AUDIO AMPLIFIER
October 24, 2013
More results

Similar Description - IRS2092STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2092 IRF-IRS2092_15 Datasheet
459Kb / 17P
   PROTECTED DIGITAL AUDIO AMPLIFIER
IRS2092 IRF-IRS2092 Datasheet
370Kb / 18P
   PROTECTED DIGITAL AUDIO AMPLIFIER
logo
Infineon Technologies A...
IRS2092 INFINEON-IRS2092 Datasheet
459Kb / 17P
   PROTECTED DIGITAL AUDIO AMPLIFIER
October 24, 2013
logo
International Rectifier
IRS20954S IRF-IRS20954S Datasheet
585Kb / 25P
   Protected Digital Audio Driver
logo
Infineon Technologies A...
IRS20957S INFINEON-IRS20957S Datasheet
463Kb / 18P
   Protected Digital Audio Driver
Sept 19, 2016 Datasheet No-PD
logo
International Rectifier
IRS20957SPBF IRF-IRS20957SPBF_15 Datasheet
303Kb / 16P
   Protected Digital Audio Driver
IRS20957SPBF IRF-IRS20957SPBF Datasheet
303Kb / 16P
   Protected Digital Audio Driver
IRS20955PBF IRF-IRS20955PBF Datasheet
543Kb / 21P
   PROTECTED DIGITAL AUDIO DRIVER
logo
Texas Instruments
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com