Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60144 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 60144
Description  Miniature Circuit Breaker Multi 9 (C60), 10A, 2-Pole, 240 Vac, 125 Vdc, HACR Rated
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

60144 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  60144 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
60144
Miniature Circuit Breaker Multi 9 (C60), 10A,
2-Pole, 240 Vac, 125 Vdc, HACR Rated
List Price
$246.00 USD
Availability Stock Item: This item is normally stocked in our distribution facility.
Ampere Rating
10A
General Application
Short circuit and overcurrent protection
For Use With
OEM Panels and Enclosures
Voltage Rating
240VAC - 125VDC
Circuit Breaker Type
Standard
HACR Rated
Yes
Terminal Type
Line: Box Lug - Load: Box Lug
Mounting Type
Flush, Surface or DIN Rail (35mm)
Weight
8.70 Ounces
Number of Poles
2-Pole
Approvals
UL489 Listed - CSA 22.2 #5.1 Certified - IEC Rated 60947-2
Enclosure Rating
IP40
Marketing Trade Name
Multi 9
Short Circuit Current Rating
10kA@240VAC
Type
C60N
Wire Size
#18 to #4 AWG
Depth
3.00 Inches (76mm)
Height
4.21 Inches (107mm)
Trip Curve
C Curve - Magnetic operates between 7 to 10 times
Width
1.42 Inches (36mm)
Technical Characteristics
Category
00915 -
Discount Schedule
DE2
GTIN
00785901208648
Package Quantity
1
Weight
0.55 lbs.
Availability Code
Stock Item: This item is normally stocked in our distribution facility.
Returnability
Y
Country of Origin
FR
Shipping and Ordering
As standards, specifications, and designs change from time to time, please ask for confirmation of the information given in this document.
Generated: 08/06/2012 06:57:06
© 2012 Schneider Electric. All rights reserved.
1


Similar Part No. - 60144

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
60144 ETC2-60144 Datasheet
298Kb / 9P
   60132 Circuit Breaker
More results

Similar Description - 60144

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QBP22125TP SCHNEIDER-QBP22125TP Datasheet
126Kb / 2P
   PowerPact Q - molded case circuit breaker - 2- pole - 10 kA - 240 V - 125 A
QBL22125 SCHNEIDER-QBL22125 Datasheet
114Kb / 2P
   PowerPact Q - molded case circuit breaker - 2- pole - 10 kA - 240 V - 125 A
QBM22125TN SCHNEIDER-QBM22125TN Datasheet
113Kb / 2P
   PowerPact Q - molded case circuit breaker - 2- pole - 10 kA - 240 V - 125 A
QGL22125 SCHNEIDER-QGL22125 Datasheet
128Kb / 2P
   PowerPact Q - molded case circuit breaker - 2- pole - 65 kA - 240 V - 125 A
QJL22125 SCHNEIDER-QJL22125 Datasheet
117Kb / 2P
   PowerPact Q - molded case circuit breaker - 2- pole - 100 kA - 240 V - 125 A
QDL22125 SCHNEIDER-QDL22125 Datasheet
124Kb / 2P
   PowerPact Q - molded case circuit breaker - 2- pole - 25 kA - 240 V - 125 A
QOU310 SCHNEIDER-QOU310 Datasheet
131Kb / 2P
   QOU Miniature Circuit Breaker, 10A, 3P, 240V, 10kA
QOUR310 SCHNEIDER-QOUR310 Datasheet
117Kb / 2P
   QOUQ Miniature Circuit Breaker, 10A, 3P, 240V, 10kA
logo
Tyco Electronics
OMI-SH-205D MACOM-OMI-SH-205D Datasheet
113Kb / 2P
   2 Pole Miniature 2 Pole Miniature
logo
Schneider Electric
QBM32125TN SCHNEIDER-QBM32125TN Datasheet
147Kb / 2P
   PowerPact Q - molded case circuit breaker - 3- pole - 10 kA - 240 V - 125 A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com