Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-102974-0 Datasheet(PDF) 44 Page - Tyco Electronics

Part # 1-102974-0
Description  AMPMODU Interconnection System
Download  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-102974-0 Datasheet(HTML) 44 Page - Tyco Electronics

Back Button 1-102974-0 Datasheet HTML 40Page - Tyco Electronics 1-102974-0 Datasheet HTML 41Page - Tyco Electronics 1-102974-0 Datasheet HTML 42Page - Tyco Electronics 1-102974-0 Datasheet HTML 43Page - Tyco Electronics 1-102974-0 Datasheet HTML 44Page - Tyco Electronics 1-102974-0 Datasheet HTML 45Page - Tyco Electronics 1-102974-0 Datasheet HTML 46Page - Tyco Electronics 1-102974-0 Datasheet HTML 47Page - Tyco Electronics 1-102974-0 Datasheet HTML 48Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 321 page
background image
44
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
3
AMPMODU Interconnection System
Surface-Mount Headers, .050 x .100 [1.27 x 2.54] Centerline,
Board-to-Board
Note: All part numbers are RoHS compliant.
Double Row, Vertical
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Contacts — Copper alloy; duplex
plated .000030 [0.00076] gold in
mating area, .000150 [0.00381] tin
on solder tail, with entire contact under-
plated .000050 [0.00127] nickel
Holddown — Copper alloy, plated
.000150 [0.00381] tin over .000050
[0.00127] nickel
Related Product Data
Performance Characteristics —
page 63
Mateable Connectors — pages 40,
45, 51, 52, & 56
Board-to-Board Spacing — page 63
Technical Documents — page 64
Product Specification 108-1093
Application Specification
114-25035
Recommended PC Board Layout
No. of
Dimensions
Part Numbers
Pos.
Pkg in
Pkg in
AB
C
D
E
Tube
Tape & Reel*
10
.380 [9.65]
.200 [5.08]
.025 [0.64]
5-104549-1
5-147377-1
12
.430 [10.92]
.250 [6.35]
——
6-104549-1
20
.630 [16.00]
.450 [11.43]
.150 [3.81]
.150 [3.81]
5-104549-2
5-147377-2
24
.730 [18.54]
.550 [13.97]
.200 [5.08]
.200 [5.08]
5-104549-3
5-147377-9
30
.880 [22.35]
.700 [17.78]
.275 [6.99]
.275 [6.99]
5-104549-5
5-147377-3
40
1.130 [28.70]
.950 [24.13]
.400 [10.16]
.400 [10.16]
5-104549-6
5-147377-4
50
1.380 [35.05]
1.200 [30.48]
.525 [13.34]
.525 [13.34]
.025 [0.64]
5-104549-7
5-147377-5
60
1.630 [41.40]
1.450 [36.83]
.650 [16.51]
.650 [16.51]
.000
5-104549-8
5-147377-6
80
2.130 [54.10]
1.950 [49.53]
.900 [22.86]
.900 [22.86]
.000
5-104549-9
5-147377-7
100
2.630 [66.80]
2.450 [62.23]
1.150 [29.21]
1.150 [29.21]
.000
6-104549-0
5-147377-8
*Parts packaged in tape and reel are without hold downs and include a vacuum pick and place cover
.042±.003
[1.07± 0.08] Dia. Typ.
(Plated-Thru Hole)
Holes for holddowns are not
required for parts packaged
in tape and reel.
A±.003
[.08]
.057±.010
[1.45±.25]
.435±.007
[11.05±.18]
.100
[2.54]
.050
[1.27] Typ.
.045
[1.14]
Ref.
.031±.010
[.79±.25]
.284
[7.21]
.344 [8.74]
.053±.006
[1.35±0.15]
.125
[3.18]
Detail A


Similar Part No. - 1-102974-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-102976-0 MACOM-1-102976-0 Datasheet
125Kb / 1P
   HEADER ASSY, MOD II
1-102976-0 MACOM-1-102976-0 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-1 MACOM-1-102976-1 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-3 MACOM-1-102976-3 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-4 MACOM-1-102976-4 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
More results

Similar Description - 1-102974-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com