Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-102974-0 Datasheet(PDF) 48 Page - Tyco Electronics

Part # 1-102974-0
Description  AMPMODU Interconnection System
Download  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-102974-0 Datasheet(HTML) 48 Page - Tyco Electronics

Back Button 1-102974-0 Datasheet HTML 44Page - Tyco Electronics 1-102974-0 Datasheet HTML 45Page - Tyco Electronics 1-102974-0 Datasheet HTML 46Page - Tyco Electronics 1-102974-0 Datasheet HTML 47Page - Tyco Electronics 1-102974-0 Datasheet HTML 48Page - Tyco Electronics 1-102974-0 Datasheet HTML 49Page - Tyco Electronics 1-102974-0 Datasheet HTML 50Page - Tyco Electronics 1-102974-0 Datasheet HTML 51Page - Tyco Electronics 1-102974-0 Datasheet HTML 52Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 321 page
background image
48
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
3
AMPMODU Interconnection System
FFC Contacts, .050 x .100 [1.27 x 2.54] Centerline
Note: All part numbers are RoHS compliant.
C*
.725
[18.42]
.0085
[0.22]
.016
[0.41]
B
C*
D
Accepts .015 [0.38] Sq. Post
.125-.350 [3.18-8.89] Long
Material and Finish
Phosphor bronze; plated gold
duplex or bright tin-lead overall
(See chart.)
Related Product Data
Performance Characteristics —
page 63
Housings — pages 49-52
Application Tooling — page 60-62
Technical Documents — page 64
Product Specification 108-16022
Application Specification
114-16008
Receptacle
Solder Tab
Contacts
Application Tooling
Dimensions
Part Numbers
Type
Config.
Part No./
Machine
Machine With
Finish
B
C*
D
Programmer
Receptacle
Strip
1-487547-11
.520
.725
[13.21]
[18.42]
Strip
487923-42
.245
.480
.685
[6.22]
[12.19]
[17.40]
Solder Tab
Strip
487923-53
.245
.480
.685
224910-4
318619-4
[6.22]
[12.19]
[17.40]
(120 V)
(120 V)
Strip
487940-42
.110
.345
.550
224910-6
318619-6
[2.79]
[8.76]
[13.97]
(240 V)
(240 V)
Contact Splice
Strip
487941-44
——
.385
[9.78]
Receptacle
Strip
1-487547-25
.520
.725
[13.21]
[18.42]
1
Duplex plated .000030 [0.00076] gold on mating area, .000100 [0.00254] min. bright tin in crimp area, with entire con-
tact underplated .000050 [0.00127] min. nickel.
2
Plated .000100 [0.00254] min. tin over .000050 [0.00127] min. nickel.
3
Duplex plated .000015 [0.00038] gold on solder tab end, .000100 [0.00254] min. bright tin in crimp area, with entire
contact underplated .000050 [0.00127] min. nickel.
4
Plated .000150 [3.81µm] min. bright tin over .000050 [1.27µm] min. nickel.
5
Duplex Plated .000150 [0.00038] gold on mating area, .000100 [0.00254] min bright tin in crimp area, with entire con-
tact underplated .000050 [0.00127] min. nickel.
*After cut-off from carrier strip.
Receptacle Strip
Solder Tab Strip
D
.100
[2.54]
Typ.
.211
[5.36]
Max.
.0085±.0005
[0.216±0.013]
Typ.
Localized Plate Area 4


Similar Part No. - 1-102974-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-102976-0 MACOM-1-102976-0 Datasheet
125Kb / 1P
   HEADER ASSY, MOD II
1-102976-0 MACOM-1-102976-0 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-1 MACOM-1-102976-1 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-3 MACOM-1-102976-3 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-4 MACOM-1-102976-4 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
More results

Similar Description - 1-102974-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com