Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-102974-0 Datasheet(PDF) 57 Page - Tyco Electronics

Part # 1-102974-0
Description  AMPMODU Interconnection System
Download  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-102974-0 Datasheet(HTML) 57 Page - Tyco Electronics

Back Button 1-102974-0 Datasheet HTML 53Page - Tyco Electronics 1-102974-0 Datasheet HTML 54Page - Tyco Electronics 1-102974-0 Datasheet HTML 55Page - Tyco Electronics 1-102974-0 Datasheet HTML 56Page - Tyco Electronics 1-102974-0 Datasheet HTML 57Page - Tyco Electronics 1-102974-0 Datasheet HTML 58Page - Tyco Electronics 1-102974-0 Datasheet HTML 59Page - Tyco Electronics 1-102974-0 Datasheet HTML 60Page - Tyco Electronics 1-102974-0 Datasheet HTML 61Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 321 page
background image
57
1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
AMPMODU Interconnection System
3
Paddleboard Receptacles, .050 x .100 [1.27 x 2.54] Centerline,
Cable-to-Board, Ribbon Cable, System 50
Note: All part numbers are RoHS compliant.
Material and Finish
Housing — Black LCP thermoplastic,
94V-0 rated
Cover — Black polyester, 94V-0 rated
Contacts — Copper alloy, plated
.000100-.000200 [0.00245-0.00508]
bright tin over .000050-.000100
[0.00127-0.00254] nickel
.024
[0.61]
.118
[3.00]
.040
[1.02]
.030
[0.76]
Standoffs
(Various Locations)
B
.100
[2.54]
A
.020
[0.51]
.045
[1.19]
Ref.
.050
[1.27]
No. of
PCB Hole
Dimensions
Part Numbers
Pos.
Layout
AB
10
1
.436 [11.07]
.200 [5.08]
5111595-1
14
1
.536 [13.61]
.300 [7.62]
5111595-2
16
2
.586 [14.88]
.350 [8.89]
5111595-3
20
2
.686 [17.42]
.450 [11.43]
5111595-4
24
2
.786 [19.96]
.550 [13.97]
5111595-5
26
1
.836 [21.23]
.600 [15.24]
5111595-6
28
2
.886 [22.50]
.650 [16.51]
2-5111595-0
30
1
.936 [23.77]
.700 [17.78]
5111595-7
34
1
1.036 [26.31]
.800 [20.32]
5111595-8
40
2
1.186 [30.12]
.950 [24.13]
5111595-9
Typ.
.050
[1.27]
Typ.
.168
[4.27]
.075
[1.91]
Typ.
.304
[7.72]
.008
[0.20]
Typ.
.340
[8.64]
(Unterminated)
Position 1
Indicator
.273
[6.93]
(Terminated)
.050
[1.27]
Typ.
.075
[1.91]
Typ.
.304
[7.72]
.031
[0.79]
Typ.
Recommended PC Board Layout 2
No. of
PCB Hole
Dimensions
Part Numbers
Pos.
Layout
AB
44
2
1.286 [32.66]
1.050 [26.67]
1-5111595-0
46
1
1.336 [33.93]
1.100 [27.94]
1-5111595-7
50
1
1.436 [36.47]
1.200 [30.48]
1-5111595-1
60
2
1.686 [42.82]
1.450 [36.83]
1-5111595-2
64
2
1.786 [45.36]
1.550 [39.37]
1-5111595-3
68
2
1.886 [47.90]
1.650 [41.91]
1-5111595-9
72
2
1.986 [50.44]
1.750 [44.45]
1-5111595-4
80
2
2.186 [55.52]
1.950 [49.53]
1-5111595-5
100
2
2.686 [68.22]
2.450 [62.23]
1-5111595-6
B
Related Product Data
Performance Characteristics —
page 63
Application Tooling — pages 60-62
Technical Documents — page 64
Product Specification 108-1109
Application Specification
114-25040
.050
[1.27]
Typ.
.075
[1.91]
Typ.
.304
[7.72]
.031
[0.79]
Typ.
Recommended PC Board Layout 1
B


Similar Part No. - 1-102974-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-102976-0 MACOM-1-102976-0 Datasheet
125Kb / 1P
   HEADER ASSY, MOD II
1-102976-0 MACOM-1-102976-0 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-1 MACOM-1-102976-1 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-3 MACOM-1-102976-3 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
1-102976-4 MACOM-1-102976-4 Datasheet
122Kb / 1P
   HEADER ASSY, MOD II, BREAKAWAY, SINGLE ROW, 100 CL, VERTICAL, WITH .025 SQUARE POSTS
More results

Similar Description - 1-102974-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com