Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5745395-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 5745395-2
Description  Right-Angle Posted Connectors
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5745395-2 Datasheet(HTML) 2 Page - Tyco Electronics

  5745395-2 Datasheet HTML 1Page - Tyco Electronics 5745395-2 Datasheet HTML 2Page - Tyco Electronics 5745395-2 Datasheet HTML 3Page - Tyco Electronics 5745395-2 Datasheet HTML 4Page - Tyco Electronics 5745395-2 Datasheet HTML 5Page - Tyco Electronics 5745395-2 Datasheet HTML 6Page - Tyco Electronics 5745395-2 Datasheet HTML 7Page - Tyco Electronics 5745395-2 Datasheet HTML 8Page - Tyco Electronics 5745395-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
39
Catalog 82068
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 1-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPLIMITE Subminiature D Connectors
Right-Angle Posted Connectors (Continued)
Product Facts:
Flame retardant
thermoplastic housing
material, UL 94V-0 rated
HD-20 right-angle
connectors are available in
9, 15, 25 and 37 positions
(Shell Sizes 1 thru 4) in
both plug and receptacle
versions; some versions
available in 50 position,
(Shell Size 5)
HD-20 stacked connectors
are available in 9/9, 15/15,
25/25, and 37/37 positions
(Shell Sizes 1 thru 4) in
receptacle over receptacle,
plug over plug and
combination versions
HD-22 right-angle
receptacle connectors are
available in 15, 26, 44, 62
and 78 positions (Shell
Sizes 1 thru 5)
Low cost front metal-shell
design compatible with full
metal-shell connectors
Integral boardlock versions
secure posted connectors to
pc boards prior to soldering
HD-20 and HD-22 connector
contacts are available in
plating types to satisfy
different applications
HD-22 right-angle posted
connectors are designed
for high temperature
applications
Integral fixed 4-40 threaded
inserts and screwlocks are
available in both HD-20 and
HD-22 connectors
Connectors are intermate-
able with any size 20 or 22
subminiature D connectors
dimensionally complying
with MIL-C-24308
Section Contents
HD-22 and HD-20 Contact Arrangements ..................................40
HD-22 and HD-20 Performance Specifications .............................41
Plug/Receptacle Mating and Panel Mounting Specifications ...............42
AMPLIMITE HD-20 Subminiature D Stacked PCB Connectors
Hybrid and Mixed Styles ............................................43-48
AMPLIMITE 2000 Subminiature D Connectors.......................... 49, 50
HD-20 and HD-22 Slimline Connectors .....................................51
HD-22 Right-Angle Posted Subminiature D Connectors ................ 52, 53
HD-20 Front Metal-Shell Right-Angle Posted Connectors
318 Mount...........................................................54-57
HD-20 Full Metal-Shell Right-Angle Posted Connectors
454 Mount .......................................................... 58, 59
HD-20 Front Metal-Shell Right-Angle Posted Connectors
478 Mount .......................................................... 60, 61
HD-20 Full Metal-Shell Right-Angle Posted Connectors
545 Mount .......................................................... 62, 63
HD-20 Front Metal-Shell Right-Angle Posted Connectors
590 Mount .......................................................... 64, 65
HD-20 All-Plastic Right-Angle Posted Connectors
318 Mount...........................................................66-68
HD-20 All-Plastic Right-Angle Posted Connectors
590 Mount...........................................................69-71
European Standard Footprint ...............................................72
Eurostyle Footprint..........................................................73
Press Fit Termination, Right-Angle Mounting ...............................74
Subminiature D Connectors for Cable Mounting ........................75
No. of
Contact Plating
Connector
Type
Style and
Contact
Footprint
Mating
Board
(Mating Area/
Post
Density
Shell Finish
Positions
Hardware
Mounting
Solder Tails)
Length
Receptacle
over
Receptacle
Plug
Duplex
over
Threaded
(.000030 [0.00076]
Plug
Front
9/9
See
Inserts
.120 [3.05]
Gold/Tin)
HD-20
Metal-Shell,
15/15
Customer
Dia. Holes
(.000010 [0.00025]
.125
Receptacle
Tin Plated
25/25
Drawings
Female
Gold/Tin)
[3.18]
over
(Pgs. 144-149, 151)
37/37
Screwlocks
Boardlocks
Plug
(Std.)
Duplex
(Gold Flash/Tin)
Plug
over
Receptacle
Right-Angle Stacked Connectors (Centerline-to-centerline height .750 [19.05])


Similar Part No. - 5745395-2

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
574502B00000 AAVID-574502B00000 Datasheet
82Kb / 2P
   For use with TO-220 packages
574502B00000G AAVID-574502B00000G Datasheet
8Mb / 116P
   Channel style heat sink with folded back fins
574502B00000G AAVID-574502B00000G Datasheet
8Mb / 116P
   How to Use This Catalog
574502B03200 AAVID-574502B03200 Datasheet
83Kb / 2P
   For use with TO-220 packages
574502B03300 AAVID-574502B03300 Datasheet
78Kb / 2P
   For use with TO-220 packages
More results

Similar Description - 5745395-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5747838-6 MACOM-5747838-6 Datasheet
978Kb / 37P
   Right-Angle Posted Connectors
5749234-3 MACOM-5749234-3 Datasheet
978Kb / 37P
   Right-Angle Posted Connectors
5745183-1 MACOM-5745183-1 Datasheet
393Kb / 14P
   HD-20 Straight Posted Connectors
logo
Adam Technologies, Inc.
RF1-01-P-00-50 ADAM-TECH-RF1-01-P-00-50 Datasheet
95Kb / 1P
   RIGHT ANGLE BNC CONNECTORS
logo
Hirose Electric
RDBD-25S HIROSE-RDBD-25S Datasheet
722Kb / 12P
   RIGHT-ANGLE TYPE CONNECTORS
RDBB-25P-LN HIROSE-RDBB-25P-LN Datasheet
197Kb / 4P
   RIGHT ANGLE TYPE CONNECTORS
logo
Adam Technologies, Inc.
RF1-01-P-00-50-M-HDW ADAM-TECH-RF1-01-P-00-50-M-HDW Datasheet
95Kb / 1P
   RIGHT ANGLE BNC CONNECTORS
logo
Tyco Electronics
3-641437-4 MACOM-3-641437-4 Datasheet
118Kb / 1P
   MTA 156 POSTED CONNECTOR ASSEMBLY
logo
Glenair, Inc.
GMR7590-9P1ANN GLENAIR-GMR7590-9P1ANN Datasheet
435Kb / 4P
   Right Angle Micro-D Connectors
logo
DDK Ltd.
57RE DDK-57RE Datasheet
325Kb / 5P
   Right Angle Solder Termination Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com