Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDSD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TDSD
Description  DIN Timers TD 22.5mm DIN rail mounting Electronic Timers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDSD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TDSD Datasheet HTML 1Page - List of Unclassifed Manufacturers TDSD Datasheet HTML 2Page - List of Unclassifed Manufacturers TDSD Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIN Timers TD
22.5mm DIN rail mounting Electronic Timers
❚ AC/DC coil operation
❚ Multi-time range
❚ Multi-function, On-delay, Off-delay and Star/Delta
versions
❚ Voltage range selectable
❚ Marking plate cover
Options and ordering codes
Specification
TD/03/03
TD
MA
MA
MC
MB
EA
RA
IA
AA
AB
SD
SF
DIN rail mount
timers
Multi-function
4 function
Multi-function 2 C/O
On-delay
Off-delay
Asymmetrical recycling
True off-delay 3 minutes
True off-delay 10 minutes
Star/Delta
On delay single function
TD
Multi Voltage Options
All timers are Multi-voltage
I/P 24VAC/DC and
100-230VAC selectable
on unit. Except EA+RA
models
EA + RA models only
EA + RA models only
SF model only
SF model only
SF model only
Multi Voltage Options
110VAC + 24VAC/DC
230VAC + 24VAC/DC
24VAC/DC
110VAC
230VAC
TDMA
TDMC
TDMB
TDEA
TDRA
TDIA
TDAA
TDAB
TDSD
TDSF
Operation modes
A,B,C,D
A,B,F,G
A,B,C,D
A
B
Rp,Ri
T
T
S
A
E,F,G,H
E,F,G,H
Time range
0.05sec- -
0.05sec-
0.05sec- -
0.05sec- -
0.05sec- -
0.05sec- -
0.1sec- -
0.1sec- -
0.5sec-3minY
0.1sec- -
10 days
10 days
10 days
10 days
10 days
10 days
3 min
10 min
40-100ms Yv
v
10 min
Accuracy
±0.5% FS
Supply voltage
24VDC ±10%, 24VAC-15% +10%, 110-230VAC-15% +10%
Nominal power
24V 1.5VA/
24V 1.5VA/
24V 1.5VA/
24V 1.5VA/
24V 1.5VA/
24V 1.5VA/
24V 1.5VA/
24V 1.5VA/
24V 1.5VA/
24V 1.5VA/
consumption
1W-110V
1W-110V
1W-110V
1W-110V
1W-110V
1W-110V
1W-110V
1W-110V
1W-110V
1W-110V
2VA 230V
2VA 230V
2VA 230V
2VA 230V
2VA 230V
2VA 230V
4VA 230V
4VA 230V
2VA 230V
2VA 230V
8VA
8VA
11VA
8VA
11VA
8VA
15VA
15VA
11VA
11VA
Input signal
Power on
Power on
Power on
Power on
Power on
Power on
Power on
Power on
Power on
Power on
Control contact must be
control
control
control
control
90% of A1-A2
contact
contact
contact
contact
Contact configuration
1 C/O
1 C/O
2 C/O
1 C/O
1 C/O
1 C/O
1 C/O
1 C/O
1 C/O with
1 C/O
programmable
rest position
Control output
8A@250VAC
8A@250VAC
8A@250VAC
5A@250VAC
5A@250VAC
5A@250VAC
5A@250VAC
5A@250VAC
8A@250VAC
5A@250VAC
Life expectancy
Electrical
400,000
400,000
400,000
100,000
100,000
400,000
100,000
100,000
400,000
100,000
Mechanical
30 x 106
30 x 106
30 x 106
10 x 106
10 x 106
30 x 106
30 x 106
30 x 106
30 x 106
10 x 106
Allowable ambient
temperature
-25 ˚C upto +55˚C
IP rating
Enclosures
IP40
Terminals
IP20
Terminals
Box clamp screw terminal upto 4mm2
www.imopc.com
R
G U A RAN


Similar Part No. - TDSD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS ETC-TDS Datasheet
1Mb / 6P
   SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
logo
Littelfuse
TDS LITTELFUSE-TDS Datasheet
347Kb / 2P
   Relay Output, Single Shot Time Delay Relay
2021 Rev: 1-B-030121
logo
List of Unclassifed Man...
TDS-175-12 ETC-TDS-175-12 Datasheet
1Mb / 6P
   SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
TDS-175-12ZI ETC-TDS-175-12ZI Datasheet
1Mb / 6P
   SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
TDS-40-4 ETC-TDS-40-4 Datasheet
1Mb / 6P
   SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
More results

Similar Description - TDSD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT8-DA4 ETC2-AT8-DA4 Datasheet
221Kb / 2P
   DIN SIZE TIMERS COMMON OPTIONS
logo
SELEC Controls Pvt. Ltd
800M SELEC-800M Datasheet
139Kb / 2P
   22.5mm Din Rail Timer
800PSR SELEC-800PSR Datasheet
201Kb / 1P
   22.5mm Din Rail Timer
800S SELEC-800S Datasheet
141Kb / 1P
   22.5mm Din Rail Timer
logo
Pepperl+Fuchs Inc.
UPR-MR PF-UPR-MR Datasheet
259Kb / 1P
   DIN mounting rail
2020-09-23
logo
TRACO Electronic AG
TMPW-MK3 TRACOPOWER-TMPW-MK3 Datasheet
1Mb / 2P
   DIN-Rail Mounting Kit
Rev. November 30, 2022
TEP-MK1 TRACOPOWER-TEP-MK1 Datasheet
766Kb / 1P
   DIN-Rail Mounting Kit
Rev. November 30, 2022
TEQ-MK1 TRACOPOWER-TEQ-MK1 Datasheet
679Kb / 1P
   DIN-Rail Mounting Kit
Rev. November 30, 2022
TMPW-MK1 TRACOPOWER-TMPW-MK1 Datasheet
1Mb / 2P
   DIN-Rail Mounting Kit
Rev. November 30, 2022
logo
List of Unclassifed Man...
76000977 ETC2-76000977 Datasheet
120Kb / 1P
   Mounting Bracket ??DIN Rail
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com