Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7846KNZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7846KNZ
Description  LC2MOS 16-Bit Voltage Output DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7846KNZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7846KNZ Datasheet HTML 6Page - Analog Devices AD7846KNZ Datasheet HTML 7Page - Analog Devices AD7846KNZ Datasheet HTML 8Page - Analog Devices AD7846KNZ Datasheet HTML 9Page - Analog Devices AD7846KNZ Datasheet HTML 10Page - Analog Devices AD7846KNZ Datasheet HTML 11Page - Analog Devices AD7846KNZ Datasheet HTML 12Page - Analog Devices AD7846KNZ Datasheet HTML 13Page - Analog Devices AD7846KNZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7846
Rev. G | Page 10 of 24
TERMINOLOGY
Least Significant Bit
This is the analog weighting of 1 bit of the digital word in a
DAC. For the AD7846, 1 LSB = (VREF+ − VREF−)/216.
Relative Accuracy
Relative accuracy or endpoint nonlinearity is a measure of the
maximum deviation from a straight line passing through the
endpoints of the DAC transfer function. It is measured after
adjusting for both endpoints (that is, offset and gain errors are
adjusted out) and is normally expressed in least significant bits
or as a percentage of full-scale range.
Differential Nonlinearity
Differential nonlinearity is the difference between the measured
change and the ideal change between any two adjacent codes. A
specified differential nonlinearity of ±1 LSB over the operating
temperature range ensures monotonicity.
Gain Error
Gain error is a measure of the output error between an ideal
DAC and the actual device output with all 1s loaded after offset
error has been adjusted out. Gain error is adjustable to zero
with an external potentiometer.
Offset Error
This is the error present at the device output with all 0s loaded
in the DAC. It is due to op amp input offset voltage and bias
current and the DAC leakage current.
Bipolar Zero Error
When the AD7846 is connected for bipolar output and 10…000
is loaded to the DAC, the deviation of the analog output from
the ideal midscale of 0 V is called the bipolar zero error.
Digital-to-Analog Glitch Impulse
This is the amount of charge injected from the digital inputs to
the analog output when the inputs change state. This is normally
specified as the area of the glitch in either pA-sec or nV-sec
depending upon whether the glitch is measured as a current or
a voltage.
Multiplying Feedthrough Error
This is an ac error due to capacitive feedthrough from either of
the VREF terminals to VOUT when the DAC is loaded with all 0s.
Digital Feedthrough
When the DAC is not selected (that is, CS is held high), high
frequency logic activity on the digital inputs is capacitively
coupled through the device to show up as noise on the VOUT pin.
This noise is digital feedthrough.


Similar Part No. - AD7846KNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7846KN AD-AD7846KN Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
logo
List of Unclassifed Man...
AD7846KN ETC2-AD7846KN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AD7846KNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224 AD-AD7224 Datasheet
228Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224KRZ-18 AD-AD7224KRZ-18 Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC161S055 TI1-DAC161S055 Datasheet
486Kb / 23P
[Old version datasheet]   Precision 16-Bit, Buffered Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Analog Devices
AD7846 AD-AD7846_15 Datasheet
451Kb / 24P
   LC MOS 16-Bit Voltage Output DAC
Rev. G
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com