Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7864BSZ-12 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7864BSZ-12
Description  4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7864BSZ-12 Datasheet(HTML) 5 Page - Analog Devices

  AD7864BSZ-12 Datasheet HTML 1Page - Analog Devices AD7864BSZ-12 Datasheet HTML 2Page - Analog Devices AD7864BSZ-12 Datasheet HTML 3Page - Analog Devices AD7864BSZ-12 Datasheet HTML 4Page - Analog Devices AD7864BSZ-12 Datasheet HTML 5Page - Analog Devices AD7864BSZ-12 Datasheet HTML 6Page - Analog Devices AD7864BSZ-12 Datasheet HTML 7Page - Analog Devices AD7864BSZ-12 Datasheet HTML 8Page - Analog Devices AD7864BSZ-12 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7864
Rev. D | Page 5 of 28
TIMING CHARACTERISTICS
VDRIVE = 5 V± 5%, AGND = DGND = 0 V, VREF = internal, clock = internal; all specifications TMIN to TMAX, unless otherwise noted.1, 2
Table 2.
Parameter
A, B Versions
Unit
Test Conditions/Comments
tCONV
1.65
μs max
Conversion time, internal clock
13
Clock cycles
Conversion time, external clock
2.6
μs max
CLKIN = 5 MHz
tACQ
0.34
μs max
Acquisition time
tBUSY
No. of channels ×
(tCONV + t9) − t9
μs max
Selected number of channels multiplied by (tCONV + EOC pulse
width)—EOC pulse width
tWAKE-UP —External VREF
2
μs max
STBY rising edge to CONVST rising edge
tWAKE-UP —Internal VREF3
6
ms max
STBY rising edge to CONVST rising edge
t1
35
ns min
CONVST pulse width
t2
70
ns max
CONVST rising edge to BUSY rising edge
READ OPERATION
t3
0
ns min
CS to RD setup time
t4
0
ns min
CS to RD hold time
t5
35
ns min
Read pulse width, VDRIVE = 5 V
40
ns min
Read pulse width, VDRIVE = 3 V
t64
35
ns max
Data access time after falling edge of RD, VDRIVE = 5 V
40
ns max
Data access time after falling edge of RD, VDRIVE = 3 V
t75
5
ns min
Bus relinquish time after rising edge of RD
30
ns max
t8
10
ns min
Time between consecutive reads
t9
75
ns min
EOC pulse width
180
ns max
t10
70
ns max
RD rising edge to FRSTDATA edge (rising or falling)
t11
15
ns max
EOC falling edge to FRSTDATA falling delay
t12
0
ns min
EOC to RD delay
WRITE OPERATION
t13
20
ns min
WR pulse width
t14
0
ns min
CS to WR setup time
t15
0
ns min
WR to CS hold time
t16
5
ns min
Input data setup time of rising edge of WR
t17
5
ns min
Input data hold time
1 Sample tested at initial release to ensure compliance. All input signals are measured with tr = tf = 1 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2 See Figure 9, Figure 10,and Figure 11.
3 Refer to the Standby Mode Operation section. The maximum specification of 6 ms is valid when using a 0.1 μF decoupling capacitor on the VREF pin.
4 Measured with the load circuit of Figure 2 and defined as the time required for an output to cross 0.8 V or 2.4 V.
5 These times are derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit shown in Figure 2. The measured number is
then extrapolated back to remove the effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the
true bus relinquish times of the part, and as such, are independent of external bus loading capacitances.
TO
OUTPUT
50pF
1.6V
400µA
1.6mA
Figure 2. Load Circuit for Access Time and Bus Relinquish Time


Similar Part No. - AD7864BSZ-12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7864BSZ-1 AD-AD7864BSZ-1 Datasheet
673Kb / 29P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
AD7864BSZ-1REEL AD-AD7864BSZ-1REEL Datasheet
673Kb / 29P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
More results

Similar Description - AD7864BSZ-12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7864 AD-AD7864 Datasheet
214Kb / 19P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. A
AD7864 AD-AD7864_15 Datasheet
760Kb / 28P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
REV. D
AD7864 AD-AD7864_17 Datasheet
673Kb / 29P
   4-Channel, Simultaneous Sampling, High Speed, 12-Bit ADC
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
logo
Linear Technology
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12_15 Datasheet
235Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com