Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7887 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7887
Description  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7887 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7887_09 Datasheet HTML 6Page - Analog Devices AD7887_09 Datasheet HTML 7Page - Analog Devices AD7887_09 Datasheet HTML 8Page - Analog Devices AD7887_09 Datasheet HTML 9Page - Analog Devices AD7887_09 Datasheet HTML 10Page - Analog Devices AD7887_09 Datasheet HTML 11Page - Analog Devices AD7887_09 Datasheet HTML 12Page - Analog Devices AD7887_09 Datasheet HTML 13Page - Analog Devices AD7887_09 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7887
Rev. D | Page 10 of 24
CONTROL REGISTER
The control register on the AD7887 is an 8-bit, write-only register. Data is loaded from the DIN pin of the AD7887 on the rising edge of
SCLK. The data is transferred on the DIN line at the same time as the conversion result is read from the part. This requires 16 serial
clocks for every data transfer. Only the information provided on the first eight rising clock edges after CS falling edge is loaded to the
control register. MSB denotes the first bit in the data stream. The bit functions are outlined in
. The contents of the control register
on power up is all 0s.
Table 5
MSB
DONTC
ZERO
REF
SIN/DUAL
CH
ZERO
PM1
PM0
Table 5. Control Register
Bit
Mnemonic
Comment
7
DONTC
Don’t Care. The value written to this bit of the control register is a don’t care, that is, it doesn’t matter if the bit
is 0 or 1.
6
ZERO
A zero must be written to this bit to ensure correct operation of the AD7887.
5
REF
Reference Bit. With a 0 in this bit, the on-chip reference is enabled. With a 1 in this bit, the on-chip reference is
disabled.
4
SIN/DUAL
Single/Dual Bit. This bit determines whether the AD7887 operates in single-channel or dual-channel mode. A
0 in this bit selects single-channel operation and the AIN1/VREF pin assumes its VREF function. A 1 in this bit selects
dual-channel mode, with the reference voltage for the ADC internally connected to VDD and the AIN1/VREF pin
assuming its AIN1 function as the second analog input channel. To obtain best performance from the AD7887,
the internal reference should be disabled when operating in the dual-channel mode, that is, REF = 1.
3
CH
Channel Bit. When the part is selected for dual-channel mode, this bit determines which channel is converted
for the next conversion. A 0 in this bit selects the AIN0 input, and a 1 in this bit selects the AIN1 input. In single-
channel mode, this bit should always be 0.
2
ZERO
A 0 must be written to this bit to ensure correct operation of the AD7887.
1, 0
PM1, PM0
Power Management Bits. These two bits decode the mode of operation of the AD7887 as described in Table 6.
Table 6. Power Management Options
PM1
PM0
Mode
0
0
Mode 1. In this mode, the AD7887 enters shutdown if the CS input is 1 and is in full power mode when CS is 0.
Thus the part comes out of shutdown on the falling edge of CS and enters shutdown on the rising edge of CS.
0
1
Mode 2. In this mode, the AD7887 is always fully powered up, regardless of the status of any of the logic inputs.
1
0
Mode 3. In this mode, the AD7887 automatically enters shutdown mode at the end of each conversion,
regardless of the state of CS.
1
1
Mode 4. In this standby mode, portions of the AD7887 are powered down but the on-chip reference voltage
remains powered up. This mode is similar to Mode 3, but allows the part to power up much faster. The REF bit
should be 0 to ensure that the on-chip reference is enabled.


Similar Part No. - AD7887_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7887AR AD-AD7887AR Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7887AR AD-AD7887AR Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7887AR-REEL7 AD-AD7887AR-REEL7 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7887ARM AD-AD7887ARM Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7887ARM AD-AD7887ARM Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
More results

Similar Description - AD7887_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com