Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7942BRM-RL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7942BRM-RL7
Description  14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942BRM-RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7942BRM-RL7 Datasheet HTML 6Page - Analog Devices AD7942BRM-RL7 Datasheet HTML 7Page - Analog Devices AD7942BRM-RL7 Datasheet HTML 8Page - Analog Devices AD7942BRM-RL7 Datasheet HTML 9Page - Analog Devices AD7942BRM-RL7 Datasheet HTML 10Page - Analog Devices AD7942BRM-RL7 Datasheet HTML 11Page - Analog Devices AD7942BRM-RL7 Datasheet HTML 12Page - Analog Devices AD7942BRM-RL7 Datasheet HTML 13Page - Analog Devices AD7942BRM-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7942
Rev. B | Page 10 of
24
SNR
SINAD
ENOB
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
REFERENCE VOLTAGE (V)
15.0
14.5
14.0
13.5
13.0
86
85
84
83
82
Figure 11. SNR, SINAD, and ENOB vs. Reference Voltage
90
85
80
75
70
0
50
100
150
200
FREQUENCY (kHz)
VREF = 2.5V, –1dB
VREF = 5V, –1dB
VREF = 5V, –10dB
Figure 12. SINAD vs. Frequency
75
80
85
90
95
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VREF = 5V
VREF = 2.5V
Figure 13. SNR vs. Temperature
–80
–85
–90
–95
–100
–105
–110
–115
0
40
80
120
160
200
FREQUENCY (kHz)
VREF = 2.5V, –1dB
VREF = 5V, –1dB
Figure 14. THD vs. Frequency
–120
–110
–100
–90
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VREF = 5V
VREF = 2.5V
Figure 15. THD vs. Temperature
VDD
VIO
fS = 100kSPS
1000
750
500
250
0
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
SUPPLY (V)
Figure 16. Operating Currents vs. Supply


Similar Part No. - AD7942BRM-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7942BRMZ AD-AD7942BRMZ Datasheet
463Kb / 25P
   Pseudo Differential ADC in MSOP/LFCSP
AD7942BRMZ-RL7 AD-AD7942BRMZ-RL7 Datasheet
463Kb / 25P
   Pseudo Differential ADC in MSOP/LFCSP
More results

Similar Description - AD7942BRM-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7942 AD-AD7942_15 Datasheet
383Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/LFCSP
REV. C
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685ARMZ AD-AD7685ARMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
AD7691 AD-AD7691 Datasheet
898Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
REV. 0
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com