Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65320QPWPRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65320QPWPRQ1
Description  40-V Step-Down Converter With Eco-mode??Codec and LDO Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65320QPWPRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS65320QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS65320QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
TPS65320-Q1
SLVSAY9A – DECEMBER 2012 – REVISED APRIL 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
3.6
40
Supply inputs
V
VIN_LDO
3.6
20
BOOT1
3.6
46
SW1
–1
40
VFB1
0
3
Buck regulator
V
SS
0
3
COMP
0
3
RT/CLK
0
3
LDO_OUT
1.1
5.5
LDO regulator
VFB2
0
5.25
V
nRST
0
5.25
EN1
0
40
Control
V
EN2
0
40
Temperature
Operating junction temperature range, TJ
–40
150
°C
ELECTRICAL CHARACTERISTICS
VIN = 6 V to 27 V, EN1 = EN2 = VIN, TJ = –40°C to 150°C, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN (INPUT POWER SUPPLY)
Operating input voltage
Normal mode, after initial start-up
3.6
14
40
V
Shutdown supply current
EN1 = EN2 = 0 V, 25°C
2
5
μA
ENABLE AND UVLO (EN1 AND EN2 PINS)
Enable low level
0.7
V
Enable high level
2.5
V
VIN falling
Internal UVLO threshold
Ramp VIN down until output turns OFF
2
2.6
3
V
VIN rising
Internal UVLO threshold
Ramp VIN up until output turns ON
2.5
2.8
3.2
V
BUCK CONVERTER
Operating: non-switching supply
VFB1 = 0.83 V, VIN = 12 V, 25°C
110
140
μA
ESR = 0.001
Ω to 0.1 Ω, large output capacitance
Output capacitor
10
μF
may be required for load transient
HIGH-SIDE MOSFET
On-resistance
VIN = 12 V, SW = 6 V
127
250
m
tON-min
Minimum on-time
fSW = 2.5 MHz
100
ns
ERROR AMPLIFIER
Input current
50
nA
Error-amplifier transconductance
–2 µA < ICOMP < 2 µA, VCOMP = 1 V
310
μS
(gm)
Error-amplifier transconductance
–2 µA < ICOMP < 2 µA, VCOMP = 1 V
70
μS
(gm) during soft start
VFB1 = 0.4 V
Error-amplifier dc gain
VFB1 = 0.8 V
100
dB
Error-amplifier bandwidth
6000
kHz
Error-amplifier source or sink
VCOMP = 1 V, 100-mV overdrive
±27
μA
COMP to switch-current
10.5
S
transconductance
VFB1
Voltage reference
VVIN_LDO = 3.6 V to 10 V
0.788
0.8
0.812
V
CURRENT LIMIT
Current-limit threshold
VIN = 12 V, TJ = 25°C
4
6
A
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS65320-Q1


Similar Part No. - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65320QPWPRQ1 TI1-TPS65320QPWPRQ1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
More results

Similar Description - TPS65320QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65321-Q1 TI1-TPS65321-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Step-Down Converter With Eco-mode and LDO Regulator
TPS65320D-Q1 TI1-TPS65320D-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320C-Q1 TI1-TPS65320C-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode??and LDO Regulator
TPS65321A-Q1 TI1-TPS65321A-Q1 Datasheet
4Mb / 43P
[Old version datasheet]   36-V Step-Down Converter With Eco-mode and LDO Regulator
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
TPS54260-Q1 TI1-TPS54260-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260QDGQRQ1 TI1-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE
TPS54260QDGQRQ1 TI-TPS54260QDGQRQ1 Datasheet
2Mb / 50P
[Old version datasheet]   3.5 V to 60 V STEP DOWN CONVERTER WITH ECO-MODE?
LMR14010A TI1-LMR14010A Datasheet
609Kb / 23P
[Old version datasheet]   4-V to 40-V, 1-A Step-Down Converter With High Efficiency Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com