Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQB3N40 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FQB3N40
Description  400V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB3N40 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQB3N40 Datasheet HTML 1Page - Fairchild Semiconductor FQB3N40 Datasheet HTML 2Page - Fairchild Semiconductor FQB3N40 Datasheet HTML 3Page - Fairchild Semiconductor FQB3N40 Datasheet HTML 4Page - Fairchild Semiconductor FQB3N40 Datasheet HTML 5Page - Fairchild Semiconductor FQB3N40 Datasheet HTML 6Page - Fairchild Semiconductor FQB3N40 Datasheet HTML 7Page - Fairchild Semiconductor FQB3N40 Datasheet HTML 8Page - Fairchild Semiconductor FQB3N40 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
  
 
  #01 &$
"!#01 &$
2 $ 3"!#01 &$

6/


#,
6/
2/
..7
.8
..7
-



6/


#,
6/
2/
..7
.8
..7
-


6/
2/
.3
9.3


 
 


22

2/
)
6
6/
6/
2/
.3
9.3


 
 


22

2/
)
6
6/
,/ ,/




2// 22
2//
22
2/
2//

22
,/
2/
2


6

 2

,/ ,/



,/ ,/







2// 22
2//
22
2/
2//

22
,/
2/
2


6

 2
 2



Similar Part No. - FQB3N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N25 FAIRCHILD-FQB3N25 Datasheet
621Kb / 9P
   250V N-Channel MOSFET
FQB3N30 FAIRCHILD-FQB3N30 Datasheet
724Kb / 9P
   300V N-Channel MOSFET
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQB3N60 KERSEMI-FQB3N60 Datasheet
660Kb / 4P
   This N-channel MOSFETS use advanced trench technology and design to provide excellent RDS(on) with low gate charge. It can be used in a wide variety of applications.
logo
Fairchild Semiconductor
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
More results

Similar Description - FQB3N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com