Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9244BSTRL-65 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9244BSTRL-65
Description  14-Bit, 40 MSPS/65 MSPS A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9244BSTRL-65 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9244BSTRL-65 Datasheet HTML 2Page - Analog Devices AD9244BSTRL-65 Datasheet HTML 3Page - Analog Devices AD9244BSTRL-65 Datasheet HTML 4Page - Analog Devices AD9244BSTRL-65 Datasheet HTML 5Page - Analog Devices AD9244BSTRL-65 Datasheet HTML 6Page - Analog Devices AD9244BSTRL-65 Datasheet HTML 7Page - Analog Devices AD9244BSTRL-65 Datasheet HTML 8Page - Analog Devices AD9244BSTRL-65 Datasheet HTML 9Page - Analog Devices AD9244BSTRL-65 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD9244
Rev. C | Page 6 of 36
Test
AD9244BST-65
AD9244BST-40
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
DIGITAL OUTPUTS (DRVDD = 3 V)2
Logic 1 Voltage (IOH = 50 μA)
Full
IV
2.95
2.95
V
Logic 0 Voltage (IOL = 50 μA)
Full
IV
0.05
0.05
V
Logic 1 Voltage (IOH = 0.5 mA)
Full
IV
2.8
2.8
V
Logic 0 Voltage (IOL = 1.6 mA)
Full
IV
0.4
0.4
V
1 See the Clock Overview section for more details.
2 Output voltage levels measured with 5 pF load on each output.
SWITCHING SPECIFICATIONS
AVDD = 5 V, DRVDD = 3 V, unless otherwise noted.
Table 4.
Test
AD9244BST-65
AD9244BST-40
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Maximum Conversion Rate
Full
VI
65
40
MHz
Minimum Conversion Rate
Full
V
500
500
kHz
Clock Period1
Full
V
15.4
25
ns
Clock Pulse Width High2
Full
V
4
4
ns
Clock Pulse Width Low2
Full
V
4
4
ns
Clock Pulse Width High3
Full
V
6.9
11.3
ns
Clock Pulse Width Low3
Full
V
6.9
11.3
ns
DATA OUTPUT PARAMETERS
Output Delay (tPD)4
Full
V
3.5
7
3.5
7
ns
Pipeline Delay (Latency)
Full
V
8
8
Clock cycles
Aperture Delay (tA)
Full
V
1.5
1.5
ns
Aperture Uncertainty (Jitter)
Full
V
0.3
0.3
ps rms
Output Enable Delay
Full
V
15
15
ns
OUT-OF-RANGE RECOVERY TIME
Full
V
2
1
Clock cycles
1 The clock period can be extended to 2 μs with no degradation in specified performance at 25°C.
2 With duty cycle stabilizer enabled.
3 With duty cycle stabilizer disabled.
4 Measured from clock 50% transition to data 50% transition with 5 pF load on each output.
N
N + 1
N + 2
N + 3
N + 4
N + 5
N + 6
N + 7
N + 8
N + 9
ANALOG INPUT
CLOCK
DATA OUT
tPD
tA
N – 9
N – 8
N – 7
N – 6
N – 5
N – 4
N – 3
N – 2
N – 1
N
N + 1
Figure 2. Input Timing


Similar Part No. - AD9244BSTRL-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9244BSTRL-65 AD-AD9244BSTRL-65 Datasheet
1Mb / 36P
   14-Bit, 40/65 MSPS Monolithic A/D Converter
REV. A
AD9244BSTRL-65 AD-AD9244BSTRL-65 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
More results

Similar Description - AD9244BSTRL-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9244 AD-AD9244 Datasheet
1Mb / 36P
   14-Bit, 40/65 MSPS Monolithic A/D Converter
REV. A
AD9245 AD-AD9245 Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com