Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG725BCP Datasheet(PDF) 11 Page - Analog Devices

Part # ADG725BCP
Description  16-/32-Channel, Serially Controlled 4 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG725BCP Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG725BCP Datasheet HTML 7Page - Analog Devices ADG725BCP Datasheet HTML 8Page - Analog Devices ADG725BCP Datasheet HTML 9Page - Analog Devices ADG725BCP Datasheet HTML 10Page - Analog Devices ADG725BCP Datasheet HTML 11Page - Analog Devices ADG725BCP Datasheet HTML 12Page - Analog Devices ADG725BCP Datasheet HTML 13Page - Analog Devices ADG725BCP Datasheet HTML 14Page - Analog Devices ADG725BCP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. A
ADG725/ADG731
–11–
FREQUENCY – MHz
0
–100
–70
–60
–50
–40
–30
–20
–10
0.03
0.1
1
10
100
–80
–90
VDD = 5V
TA = 25 C
TPC 10. OFF Isolation vs. Frequency
FREQUENCY – MHz
0.003
0.1
100
110
0
–10
–100
–20
–30
–40
–50
–60
–70
–80
–90
VDD = 3V, 5V
TA = 25 C
TPC 11. Crosstalk vs. Frequency
FREQUENCY – MHz
0
–14
–12
–10
–8
–6
–4
–2
0.03
0.1
1
10
100
VDD = 5V
TA = 25 C
ADG731
ADG725
TPC 12. ON Response vs. Frequency
Test Circuits
RON = V1/IDS
VS
V1
IDS
D
S
Test Circuit 1. On Resistance
S1
D
VS
GND
A
VS
S2
S32
EN
LOGIC 1
VDD
VSS
VDD
VSS
IS (OFF)
VD
Test Circuit 2. IS (OFF)
VD
S1
S2
S32
V
S
D
GND
V
DD
VDD
A
V
SS
VSS
A
EN
LOGIC 1
ID (OFF)
Test Circuit 3. ID (OFF)
ID (ON)
VD
S1
S32
VS
D
A
GND
V
DD
VDD
V
SS
VSS
A
Test Circuit 4. ID (ON)


Similar Part No. - ADG725BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG725BCP AD-ADG725BCP Datasheet
270Kb / 15P
   16-/32- Channel, Serially Controlled 4 ??1.8 V to 5.5 V, 짹2.5 V, Analog Multiplexers
REV. PrD May 2002
ADG725BCP AD-ADG725BCP Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725BCP-REEL AD-ADG725BCP-REEL Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725BCP-REEL7 AD-ADG725BCP-REEL7 Datasheet
362Kb / 16P
   16-/32-Channel, Serially Controlled 4, 1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
REV. A
ADG725BCPZ AD-ADG725BCPZ Datasheet
285Kb / 17P
   16-/32-Channel, Serially Controlled 4  1.8 V to 5.5 V, 2.5 V, Analog Multiplexers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com