Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG715BRU-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG715BRU-REEL7
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG715BRU-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG715BRU-REEL7 Datasheet HTML 6Page - Analog Devices ADG715BRU-REEL7 Datasheet HTML 7Page - Analog Devices ADG715BRU-REEL7 Datasheet HTML 8Page - Analog Devices ADG715BRU-REEL7 Datasheet HTML 9Page - Analog Devices ADG715BRU-REEL7 Datasheet HTML 10Page - Analog Devices ADG715BRU-REEL7 Datasheet HTML 11Page - Analog Devices ADG715BRU-REEL7 Datasheet HTML 12Page - Analog Devices ADG715BRU-REEL7 Datasheet HTML 13Page - Analog Devices ADG715BRU-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG714/ADG715
–10–
REV.
–Typical Performance Characteristics
VD, VS, DRAIN OR SOURCE VOLTAGE – V
8
0
1
234
5
TA = 25 C
VSS = GND
7
6
5
4
3
2
1
0
VDD = 2.7V
VDD = 3.3V
VDD = 4.5V
VDD = 5.5V
TPC 1. On Resistance as a Function of VD (VS) Single
Supply
VD OR VS DRAIN OR SOURCE VOLTAGE – V
–2.7
–2.1
–1.5
–0.9
–0.3
0.3
0.9
1.5
2.1
2.7
8
7
6
5
4
3
2
1
VDD = +2.75V
VSS = –2.75V
VDD = +2.5V
VSS = –2.5V
VDD = +2.25V
VSS = –2.25V
TA = 25 C
TPC 2. On Resistance as a Function of VD (VS); Dual
Supply
VD OR VS DRAIN OR SOURCE VOLTAGE – V
0
VDD = 5V
VSS = GND
0
+25 C
12
3
5
4
8
7
6
5
4
3
2
1
+85 C
–40 C
TPC 3. On Resistance as a Function of VD (VS) for
Different Temperatures; VDD = 5 V
VD OR VS DRAIN OR SOURCE VOLTAGE – V
0
0.5
1.0
1.5
2.5
2.0
8
7
6
5
4
1
0
3.0
2
3
+25 C
+85 C
–40 C
VDD = 3V
VSS = GND
TPC 4. On Resistance as a Function of VD (VS) for
Different Temperatures; VDD = 3 V
VD OR VS DRAIN OR SOURCE VOLTAGE – V
7
6
5
4
3
2
1
0
–2.5
–2.0
–1.5
–1.0
1.0
1.5
2.0
2.5
0.5
0
VDD = +2.5V
VSS = –2.5V
+85 C
+25 C
–40 C
8
–0.5
TPC 5. On Resistance as a Function of VD (VS) for
Different Temperatures; Dual Supply
VD OR VS – Volts
0
01
2
4
3
VDD = 5V
VSS = GND
TA = 25 C
5
0.04
0.02
–0.02
–0.04
IS, ID (ON)
ID (OFF)
IS (OFF)
TPC 6. Leakage Currents as a Function of VD (VS)
C


Similar Part No. - ADG715BRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG715BRU AD-ADG715BRU Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
ADG715BRU AD-ADG715BRU Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
More results

Similar Description - ADG715BRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
ADG714 AD-ADG714 Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG728 AD-ADG728 Datasheet
150Kb / 12P
   CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG729BRUZ AD-ADG729BRUZ Datasheet
360Kb / 13P
   CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
REV. C
ADG738 AD-ADG738 Datasheet
156Kb / 12P
   CMOS, Low-Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG739BRUZ AD-ADG739BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
ADG738BRUZ AD-ADG738BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
logo
Maxim Integrated Produc...
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
   Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com