Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG715BRUZ-REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG715BRUZ-REEL7
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG715BRUZ-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG715BRUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG715BRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG715BRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG715BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG715BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG715BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG715BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG715BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG715BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG714/ADG715
–6–
REV.
ADG715 TIMING CHARACTERISTICS1
Parameter
Limit at TMIN, TMAX
Unit
Conditions/Comments
fSCL
400
kHz max
SCL Clock Frequency
t1
2.5
μs min
SCL Cycle Time
t2
0.6
μs min
tHIGH, SCL High Time
t3
1.3
μs min
tLOW, SCL Low Time
t4
0.6
μs min
tHD, STA, Start/Repeated Start Condition Hold Time
t5
100
ns min
tSU, DAT, Data Setup Time
t6
2
0.9
μs max
tHD, DAT, Data Hold Time
0
μs min
t7
0.6
μs min
tSU, STA, Setup Time for Repeated Start
t8
0.6
μs min
tSU, STO, Stop Condition Setup Time
t9
1.3
μs min
tBUF, Bus Free Time Between a STOP Condition and
a Start Condition
t10
300
ns max
tR, Rise Time of Both SCL and SDA When Receiving
20 + 0.1Cb
3
ns min
t11
250
ns max
tF, Fall Time of SDA When Receiving
t11
300
ns max
tF, Fall Time of SDA When Transmitting
0.1Cb
3
ns min
Cb
400
pF max
Capacitive Load for Each Bus Line
tSP
4
50
ns max
Pulsewidth of Spike Suppressed
NOTES
1See Figure 2.
2A master device must provide a hold time of at least 300 ns for the SDA signal (referred to the V
IH min of the SCL signal) in order to bridge the undefined region of
SCL’s falling edge.
3C
b is the total capacitance of one bus line in pF. t R and tF measured between 0.3 VDD and 0.7 VDD.
4Input filtering on both the SCL and SDA inputs suppress noise spikes that are less than 50 ns.
Specifications subject to change without notice.
SDA
SCL
START
CONDITION
REPEATED
START
CONDITION
STOP
CONDITION
t8
t1
t7
t4
t5
t11
t2
t6
t10
t3
t4
t9
Figure 2. 2-Wire Serial Interface Timing Diagram
(VDD = 2.7 V to 5.5 V. All specifications –40 C to +85 C unless otherwise noted.)
C


Similar Part No. - ADG715BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG715BRU AD-ADG715BRU Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
ADG715BRU AD-ADG715BRU Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
More results

Similar Description - ADG715BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
ADG714 AD-ADG714 Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG728 AD-ADG728 Datasheet
150Kb / 12P
   CMOS, Low-Voltage, 2-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG729BRUZ AD-ADG729BRUZ Datasheet
360Kb / 13P
   CMOS, Low Voltage, 2-Wire Serially Controlled, Matrix Switches
REV. C
ADG738 AD-ADG738 Datasheet
156Kb / 12P
   CMOS, Low-Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. 0
ADG739BRUZ AD-ADG739BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
ADG738BRUZ AD-ADG738BRUZ Datasheet
352Kb / 20P
   CMOS, Low Voltage, 3-Wire Serially-Controlled, Matrix Switches
REV. A
logo
Maxim Integrated Produc...
MAX395 MAXIM-MAX395 Datasheet
123Kb / 16P
   Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Rev 0; 11/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com