Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

501930-0200 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 501930-0200
Description  A full cycle ratcheting hand tool ensures complete crimps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

501930-0200 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  501930-0200 Datasheet HTML 1Page - Molex Electronics Ltd. 501930-0200 Datasheet HTML 2Page - Molex Electronics Ltd. 501930-0200 Datasheet HTML 3Page - Molex Electronics Ltd. 501930-0200 Datasheet HTML 4Page - Molex Electronics Ltd. 501930-0200 Datasheet HTML 5Page - Molex Electronics Ltd. 501930-0200 Datasheet HTML 6Page - Molex Electronics Ltd. 501930-0200 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Hand Crimp Tool For 1.25mm (.049") Pitch Crimp Terminals
Doc No: ATS-638194400
Release Date: 10-31-08
UNCONTROLLED COPY
Page 5 of 7
Revision: A
Revision Date: 10-31-08
Right or Left Hand Operation
This hand tool has an added feature that can be
converted from a right handed application to a left
handed application. It is necessary to reverse the
tooling if using the left handed application along with the
locator. Follow the steps below:
1. The locator must be removed before reversing the
tooling.
2. Remove the M3 BHCS which is holding the upper tooling.
3. Flip the upper tooling to the opposite side and replace the M3 BHCS.
Make sure the small markings on the front and back of the hand tool
frame match up and are on the outside of the hand tool frame. See
Figure 8 and 9.
4. Do the same thing with the lower tooling and tighten the M3 screws. Be
sure the small markings line up.
5. Reinstall the locator by following the Instructions in the locator
replacement section.
Maintenance
It is recommended that each operator of the tool be made aware of, and
responsible for, the following maintenance steps:
1. Remove dust, moisture, and other contaminants with a clean brush, or soft, lint free cloth.
2. Do not use any abrasive materials that could damage the tool.
3. Make certain all pins; pivot points and bearing surfaces are protected
with a thin coat of high quality machine oil. Do not oil excessively. The
tool was engineered for durability but like any other equipment it needs
cleaning and lubrication for a maximum service life of trouble free
crimping. Light oil (such as 30 weight automotive oil) used at the oil
points, every 5,000 crimps or 3 months, will significantly enhance the
tool life.
4. Wipe excess oil from hand tool, particularly from crimping area. Oil
transferred from the crimping area onto certain terminations may affect
the electrical characteristics of an application.
5. When tool is not in use, keep the handles closed to prevent objects from becoming lodged in the crimping dies,
and store the tool in a clean, dry area.
Miscrimps or Jams
Should this tool ever become stuck or jammed in a partially closed position, Do Not force the handles open or
closed. The tool will open easily by pressing up on the ratchet release lever in the movable handle. See Figure
11.
LUBRICATION POINTS
(BOTH SIDES) LIGHT OIL
(EVERY 3 MONTHS OR
5,000 CRIMPS)
Figure 10
RATCHET RELEASE
LEVER
Figure 11
MATCH
UP MARKS
FRONT
BACK
Figure 9


Similar Part No. - 501930-0200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
501930-1100 MOLEX11-501930-1100 Datasheet
400Kb / 5P
   1.25mm (.049") Pitch Duo-Clasp Wire-to-Board Crimp Terminal, Reel
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com