Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1741ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1741ACPZ-R7
Description  2 A, Low VIN, Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1741ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1741ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1741ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1741ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1741ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1741ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1741ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1741ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1741ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1741ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP1740/ADP1741
Data Sheet
Rev. E | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
VIN
2
VIN
3
VIN
4
EN
11 VOUT
12 VOUT
10 VOUT
9
SENSE
TOP VIEW
(Not to Scale)
ADP1740
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD ON THE BOTTOM OF THE LFCSP ENHANCES
THERMAL PERFORMANCE AND IS ELECTRICALLY CONNECTED TO GND
INSIDE THE PACKAGE. IT IS RECOMMENDED THAT THE EXPOSED PAD
BE CONNECTED TO THE GROUND PLANE ON THE BOARD.
PIN 1
INDICATOR
1
VIN
2
VIN
3
VIN
4
EN
11 VOUT
12 VOUT
10 VOUT
9
ADJ
TOP VIEW
(Not to Scale)
ADP1741
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD ON THE BOTTOM OF THE LFCSP ENHANCES
THERMAL PERFORMANCE AND IS ELECTRICALLY CONNECTED TO GND
INSIDE THE PACKAGE. IT IS RECOMMENDED THAT THE EXPOSED PAD
BE CONNECTED TO THE GROUND PLANE ON THE BOARD.
Figure 3. ADP1740 Pin Configuration
Figure 4. ADP1741 Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
ADP1740
ADP1741
1, 2, 3, 15, 16
1, 2, 3, 15, 16
VIN
Regulator Input Supply. Bypass VIN to GND with a 4.7 µF or greater capacitor. Note that all
five VIN pins must be connected to the source supply.
4
4
EN
Enable Input. Drive EN high to turn on the regulator; drive it low to turn off the regulator. For
automatic startup, connect EN to VIN.
5
5
PG
Power-Good Output. This open-drain output requires an external pull-up resistor to VIN. If
the part is in shutdown mode, current-limit mode, or thermal shutdown, or if it falls below
90% of the nominal output voltage, the PG pin immediately transitions low.
6
6
GND
Ground.
7
7
SS
Soft Start Pin. A capacitor connected to this pin determines the soft start time.
8
8
NC
Not Connected. No internal connection.
9
SENSE
Sense Input. This pin measures the actual output voltage at the load and feeds it to the error
amplifier. Connect the SENSE pin as close to the load as possible to minimize the effect of IR
drop between the regulator output and the load.
9
ADJ
Adjust Pin. A resistor divider from VOUT to ADJ sets the output voltage.
10, 11, 12,
13, 14
10, 11, 12,
13, 14
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 4.7 µF or greater capacitor. Note that
all five VOUT pins must be connected to the load.
EP
EP
Exposed
pad
The exposed pad on the bottom of the LFCSP enhances thermal performance and is
electrically connected to GND inside the package. It is recommended that the exposed pad
be connected to the ground plane on the board.


Similar Part No. - ADP1741ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1741 AD-ADP1741 Datasheet
165Kb / 6P
   2 A, Low Dropout, CMOS Linear Regulator
Rev. PrA
ADP1741 AD-ADP1741 Datasheet
883Kb / 19P
   CMOS Linear Regulator
ADP1741 AD-ADP1741 Datasheet
1,007Kb / 19P
   CMOS Linear Regulator
ADP1741 AD-ADP1741 Datasheet
935Kb / 19P
   CMOS Linear Regulator
ADP1741 AD-ADP1741 Datasheet
777Kb / 20P
   4 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
More results

Similar Description - ADP1741ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1754 AD-ADP1754 Datasheet
738Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1752 AD-ADP1752 Datasheet
703Kb / 20P
   0.8 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1755ACPZ AD-ADP1755ACPZ Datasheet
709Kb / 20P
   1.2 A, Low VIN, Low Dropout Linear Regulator
Rev. F
logo
SHANGHAI BELLING CO., L...
BL8074 BELLING-BL8074 Datasheet
1,008Kb / 5P
   800mA Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
ACE Technology Co., LTD...
ACE518C ACE-ACE518C Datasheet
407Kb / 8P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8073 BELLING-BL8073 Datasheet
995Kb / 5P
   1A Ultra-Low Vin Low Dropout Voltage Linear Regulator
logo
Analog Devices
ADP1740 AD-ADP1740 Datasheet
165Kb / 6P
   2 A, Low Dropout, CMOS Linear Regulator
Rev. PrA
logo
Linear Technology
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com