Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

502381-0000 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 502381-0000
Description  A full cycle ratcheting hand tool ensures complete crimps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

502381-0000 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  502381-0000 Datasheet HTML 1Page - Molex Electronics Ltd. 502381-0000 Datasheet HTML 2Page - Molex Electronics Ltd. 502381-0000 Datasheet HTML 3Page - Molex Electronics Ltd. 502381-0000 Datasheet HTML 4Page - Molex Electronics Ltd. 502381-0000 Datasheet HTML 5Page - Molex Electronics Ltd. 502381-0000 Datasheet HTML 6Page - Molex Electronics Ltd. 502381-0000 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Hand Crimp Tool For 1.25mm (.049") Pitch Crimp Terminals
Doc No: ATS-638194400
Release Date: 10-31-08
UNCONTROLLED COPY
Page 7 of 7
Revision: A
Revision Date: 10-31-08
RATCHET
RELEASE LEVER
2
Figure 13
1
3
PARTS LIST
Item Number
Order Number
Description
Quantity
REF
63819-4400
Hand Crimp Tool
Figure 13
1
63819-4475
Locator Assembly
1
2
63810-0104
Spring, Return
1
3
63810-0105
Spring, Ratchet
1
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax: 630-969-1352
Visit our Web site at http://www.molex.com


Similar Part No. - 502381-0000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
502381-0000 MOLEX-502381-0000 Datasheet
455Kb / 2P
   CLIK-Mate SMT WTB Connectors
logo
MolexKits
502381-0000 MOLEXKITS-502381-0000 Datasheet
22Kb / 3P
   PCB Through Hole
502381-0000 MOLEXKITS-502381-0000 Datasheet
24Kb / 3P
   PCB Through Hole, SMT (Surface Mount Technology)
logo
Molex Electronics Ltd.
502381-0000 MOLEX11-502381-0000 Datasheet
415Kb / 6P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board Crimp Terminal, Reel
502381-0000 MOLEX1-502381-0000 Datasheet
35Kb / 1P
   IllumiMate 1.25mm Pitch Wire-to-Board Crimp Housing, Single Row, 10 Circuits
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com