Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMP02 Datasheet(PDF) 4 Page - Analog Devices

Part # AMP02
Description  High Accuracy Instrumentation Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP02 Datasheet(HTML) 4 Page - Analog Devices

  AMP02_03 Datasheet HTML 1Page - Analog Devices AMP02_03 Datasheet HTML 2Page - Analog Devices AMP02_03 Datasheet HTML 3Page - Analog Devices AMP02_03 Datasheet HTML 4Page - Analog Devices AMP02_03 Datasheet HTML 5Page - Analog Devices AMP02_03 Datasheet HTML 6Page - Analog Devices AMP02_03 Datasheet HTML 7Page - Analog Devices AMP02_03 Datasheet HTML 8Page - Analog Devices AMP02_03 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. E
–4–
AMP02
1. RG1
2. –IN
3. +IN
4. V–
5. REFERENCE
6. OUT
7. V+
8. RG2
9. SENSE
CONNECT SUBSTRATE TO V–
8
1
DIE SIZE 0.103 inch
0.116 inch, 11,948 sq. mils
(2.62 mm
2.95 mm, 7.73 sq. mm)
NOTE: PINS 1 and 8 are KELVIN CONNECTED
Die Characteristics
WAFER TEST LIMITS* (@ V
S =
15 V, VCM = 0 V, TA = 25 C, unless otherwise noted.)
AMP02 GBC
Parameter
Symbol
Conditions
Limits
Unit
Input Offset Voltage
VIOS
200
µV max
Output Offset Voltage
VOOS
8
mV max
VS =
±4.8 V to ±18 V
G = 1000
110
Power Supply
PSR
G = 100
110
dB
Rejection
G = 10
95
G = 1
75
Input Bias Current
IB
20
nA max
Input Offset Current
IOS
10
nA max
Input Voltage Range
IVR
Guaranteed by CMR Tests
±11
V min
VCM =
±11 V
G = 1000
110
Common-Mode
CMR
G = 100
110
dB
Rejection
G = 10
95
G = 1
75
Gain Equation Accuracy
G
=
50 k
R G
+1, G =1000
0.7
% max
Output Voltage Swing
VOUT
RL = 1 k
Ω±12
V min
Supply Current
ISY
6
mA max
*Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not
guaranteed for standard product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AMP02 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.


Similar Part No. - AMP02_03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP02AZ/883C AD-AMP02AZ/883C Datasheet
266Kb / 12P
   High Accuracy 8-Pin Instrumentation Amplifier
REV. D
AMP02AZ883C AD-AMP02AZ883C Datasheet
172Kb / 12P
   High Accuracy Instrumentation Amplifier
REV. E
AMP02EP AD-AMP02EP Datasheet
266Kb / 12P
   High Accuracy 8-Pin Instrumentation Amplifier
REV. D
AMP02EP AD-AMP02EP Datasheet
172Kb / 12P
   High Accuracy Instrumentation Amplifier
REV. E
AMP02EPZ AD-AMP02EPZ Datasheet
172Kb / 12P
   High Accuracy Instrumentation Amplifier
REV. E
More results

Similar Description - AMP02_03

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP02 AD-AMP02_16 Datasheet
284Kb / 13P
   High Accuracy Instrumentation Amplifier
AMP02EPZ AD-AMP02EPZ Datasheet
172Kb / 12P
   High Accuracy Instrumentation Amplifier
REV. E
logo
Burr-Brown (TI)
INA101 BURR-BROWN-INA101 Datasheet
91Kb / 6P
   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP02 AD-AMP02_15 Datasheet
224Kb / 12P
   High Accuracy Instrumentation Amplifier
logo
Texas Instruments
INA101 TI1-INA101 Datasheet
267Kb / 11P
[Old version datasheet]   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA104 BURR-BROWN-INA104 Datasheet
132Kb / 11P
   Very-High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD522 AD-AD522_02 Datasheet
451Kb / 4P
   High Accuracy Data Acquisition Instrumentation Amplifier
REV. A
AD522 AD-AD522_17 Datasheet
483Kb / 5P
   High Accuracy Data Acquisition Instrumentation Amplifier
AMP02 AD-AMP02 Datasheet
266Kb / 12P
   High Accuracy 8-Pin Instrumentation Amplifier
REV. D
AD522 AD-AD522 Datasheet
292Kb / 4P
   High Accuracy Data Acquisition Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com