Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH2H-FE-DHK-DL Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # LH2H-FE-DHK-DL
Description  DIN HALF SIZE HOUR METER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LH2H-FE-DHK-DL Datasheet(HTML) 8 Page - Panasonic Semiconductor

  LH2H-FE-DHK-DL Datasheet HTML 1Page - Panasonic Semiconductor LH2H-FE-DHK-DL Datasheet HTML 2Page - Panasonic Semiconductor LH2H-FE-DHK-DL Datasheet HTML 3Page - Panasonic Semiconductor LH2H-FE-DHK-DL Datasheet HTML 4Page - Panasonic Semiconductor LH2H-FE-DHK-DL Datasheet HTML 5Page - Panasonic Semiconductor LH2H-FE-DHK-DL Datasheet HTML 6Page - Panasonic Semiconductor LH2H-FE-DHK-DL Datasheet HTML 7Page - Panasonic Semiconductor LH2H-FE-DHK-DL Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LH2H
Cautions for use
1. Non-voltage input type
For both panel mounting and PC
board mounting types
1) Never apply voltage to the non-voltage
input type. This will damage the internal
elements.
2) Since the current flow is very small
from the start input and reset input
terminals (1 and 3 on the panel
mounting type and terminals e to t and
S to F on the PC board mounting type)
please use relays and switches with high
contact reliability. When inputting with an
open collector of a transistor, use a
transistor for small signals in which ICBO
is 1 µA or less and always input with no
voltage.
3) When wiring, try to keep all the input
lines to the start and reset inputs as short
as possible and avoid running them
together with high voltage and power
transmission lines or in a power conduit.
Also, malfunctions might occur if the
floating capacitance of these wires
exceeds 500 pF (10 m 32.808 ft. for
parallel wires of 2 mm2). In particular,
when using shielded wiring, be careful of
the capacitance between wires.
PC board mounting type
1) For external power supply use
manganese dioxide or lithium batteries
(CR type: 3V).
2) Always reset after external power is
applied and confirm that the display
reads “0”.
3) Make the wiring from the battery to the
hour meter unit as short as absolutely
possible. Also, be careful of polarity.
4) Calculate battery life with the following
formula.
t = A/I
t: battery life [h]
I: LH2H current consumption [mA]
A: battery capacity until minimum
operation voltage is reached [mAh]
5) Hand solder to the lead terminal. Do
not dip solder. With the tip of the
soldering iron at 300°C 572°F perform
soldering within 3 seconds (for 30 to 60
W soldering iron).
2. Voltage input type
1) Be aware that applying more than 30 V
DC to start input terminals 1 and 2, and
reset input terminals 3 and 4 will cause
damage to the internal elements.
2) For external resetting use H level
(application of 4.5 to 30 V DC) between
reset terminals 3 and 4 of the rear
terminals. In this case, connect + to
terminal 3 and – to terminal 4. This is
the valid polarity; therefore, the hour
meter will not work if reversed.
3) When wiring, try to keep all the input
lines to the start and reset inputs as short
as possible and avoid running them
together with high voltage and power
transmission lines or in a power conduit.
Also, malfunctions might occur if the
floating capacitance of these wires
exceeds 500 pF (10 m 32.808 ft. for
parallel wires of 2 mm2).
3. Free voltage input type
1) Use start input terminals 1 and 2 for
free voltage input and reset terminals 3
and 4 for non-voltage input.
2) Be aware that the application of
voltage that exceeds the voltage range of
the H level to the start input terminal, and
the application of voltage to the reset
input terminal, can cause damage to the
internal elements.
3) Since the current flow is very small
from reset input terminal 3, please use
relays and switches with high contact
reliability.
4) When inputting a reset with an open
collector of a transistor, use a transistor
for small signals in which ICBO is 1 µA or
less and always input with no voltage.
5) To reset externally, short reset input
terminals 3 and 4 on the rear.
6) Input uses a high impedance circuit;
therefore, erroneous operation may occur
if the influence of induction voltage is
present. If you plan to use wiring for the
input signal that is 10 m or longer (wire
capacitance 120 pF/m at normal
temperature), we recommend the use of
a CR filter or the connection of a bleeder
resistor.
4. How to reset multiple panel
mounting type counters all at once
(input is the same for count)
Non-voltage input type
Notes) 1. Use the following as a guide for choosing
transistors used for input (Tr).
Leakage current < 1 µA
2. Use as small a diode (D) as possible in the
forward voltage so that the voltage between
terminals 3 and 4 during reset input meets
the standard value (0.5 V).
( At IF = 20 µA, forward voltage 0.1 and
higher.)
Voltage input type
Note) Make sure that H (reset ON) level is at least 4.5
V.
5. Backlight luminance
To prevent varying luminance among
backlights when using multiple Backlight
types, please use the same backlight
power supply.
6. Acquisition of CE marking
Please abide by the conditions below
when using in applications that comply
with EN 61010-1/IEC 61010-1
1) Ambient conditions
• Overvoltage category II, pollution level 2
• Indoor use
• Acceptable temperature and humidity
range: –10 to +55°C, 35 to 85%RH (with
no condensation at 20°C)
• Under 2000 m elevation
2) Use the main unit in a location that
matches the following conditions.
• There is minimal dust and no corrosive
gas.
• There is no combustible or explosive
gas.
• There is no mechanical vibration or
impacts.
• There is no exposure to direct sunlight.
• Located away from large-volume
electromagnetic switches and power
lines with large electrical currents.
3) Connect a breaker that conforms to
EN60947-1 or EN60947-3 to the voltage
input section.
4) Applied voltage should be protected
with an overcurrent protection device
(example: T 1A, 250 V AC time lag fuse)
that conforms to the EN/IEC standards.
(Free voltage input type)
7. Terminal connection
Tighten the terminal screws with a torque
of 0.8 N·cm or less.
3
or
D
Tr
4
3 4
3 4
D
D
3
or
+V
+V
R
Tr
4
3 4
3 4
3 4
2
2
5
2
Green
Red
5
6
2
6
24V DC
24V DC
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - LH2H-FE-DHK-DL

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LH2 GOOD-ARK-LH2 Datasheet
188Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
logo
MORNSUN Science& Techno...
LH20-10A05 MORNSUN-LH20-10A05 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH20-10A05 MORNSUN-LH20-10A05 Datasheet
1Mb / 8P
   20(25)W, AC-DC converter
LH20-10A12 MORNSUN-LH20-10A12 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH20-10A12 MORNSUN-LH20-10A12 Datasheet
1Mb / 8P
   20(25)W, AC-DC converter
More results

Similar Description - LH2H-FE-DHK-DL

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
RQ72024V NHP-RQ72024V Datasheet
948Kb / 2P
   HOUR RUN METER 24V AC
11 October 2022,
logo
Sames
RM4104ASEB SAMES-RM4104ASEB Datasheet
252Kb / 16P
   Low-Cost Watt-Hour Energy Meter
logo
NHP Electrical Engineer...
RQ4801080VDC NHP-RQ4801080VDC Datasheet
947Kb / 2P
   HOUR RUN METER 10-80V DC
25 March 2023,
RQ48024VAC NHP-RQ48024VAC Datasheet
948Kb / 2P
   HOUR RUN METER 24V 50Hz AC
11 October 2022,
D20-240V NHP-D20-240V Datasheet
607Kb / 2P
   HOUR RUN METER 240V AC (ANYA3)
11 October 2022,
RQ480415VAC NHP-RQ480415VAC Datasheet
948Kb / 2P
   HOUR RUN METER 415V 50Hz AC
11 October 2022,
RQ720240V NHP-RQ720240V Datasheet
948Kb / 2P
   HOUR RUN METER 240V 50Hz AC
11 October 2022,
RQ7201080VDC NHP-RQ7201080VDC Datasheet
859Kb / 2P
   HOUR RUN METER 10-80V DC 72mm
11 October 2022,
logo
FOTEK CONTROLS CO., LTD...
SC-362M FOTEK-SC-362M Datasheet
1Mb / 2P
   DIN 72x72 COUNTER&METER
logo
Sames
RM4301ASEA SAMES-RM4301ASEA Datasheet
461Kb / 19P
   Low-Cost Three-Phase Watt-Hour Energy Meter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com