Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH2H-FE-HMK-DL Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # LH2H-FE-HMK-DL
Description  DIN HALF SIZE HOUR METER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LH2H-FE-HMK-DL Datasheet(HTML) 3 Page - Panasonic Semiconductor

  LH2H-FE-HMK-DL Datasheet HTML 1Page - Panasonic Semiconductor LH2H-FE-HMK-DL Datasheet HTML 2Page - Panasonic Semiconductor LH2H-FE-HMK-DL Datasheet HTML 3Page - Panasonic Semiconductor LH2H-FE-HMK-DL Datasheet HTML 4Page - Panasonic Semiconductor LH2H-FE-HMK-DL Datasheet HTML 5Page - Panasonic Semiconductor LH2H-FE-HMK-DL Datasheet HTML 6Page - Panasonic Semiconductor LH2H-FE-HMK-DL Datasheet HTML 7Page - Panasonic Semiconductor LH2H-FE-HMK-DL Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LH2H
Applicable standard
Safety standard
EN61010-1
Pollution Degree 2/Overvoltage Category III
EMC
(EMI)EN61000-6-4
Radiation interference electric field strength
Noise terminal voltage
(EMS)EN61000-6-2
Static discharge immunity
RF electromagnetic field immunity
EFT/B immunity
Conductivity noise immunity
Power frequency magnetic field immunity
EN55011 Group1 ClassA
EN55011 Group1 ClassA
EN61000-4-2
4 kV contact
8 kV air
EN61000-4-3
10 V/m AM modulation (80 MHz to 1 GHz)
10 V/m pulse modulation (90 MHz)
EN61000-4-4
2 kV (power supply line)
EN61000-4-6
10 V/m AM modulation (0.15 MHz to 80 MHz)
EN61000-4-8
30 A/m (50 Hz)
2. PC board mounting type
3. Common
Type
Item
PC board mounting type
Input method
Non DC voltage input
No. digits
7 digits
Rated operation voltage
3 V DC
Allowable operation voltage range
2.7 to 3.3 V DC
Current consumption
Max. 20 µA (max. 200 µA during reset input)
Measurement time range
0 to 999999.9h
0 to 9999h59.9m
Start
input
Min. input signal width
200 ms
Input method
Non-voltage input using contacts or open collector connection
Input impedance
When shorted: Max. 10 k
When open: Max. 750 k
Residual voltage
Max. 0.5 V
Reset
input
Min. input signal width
10 ms
Input method
Non-voltage input using contacts or open collector connection
Input impedance
When shorted: Max. 10 k
When open: Max. 750 k
Residual power
Max. 0.5 V
Break down voltage (initial)
Between charged and uncharged parts: 1,000 V AC for 1 minute.
Insulation resistance (initial)
Min. 100 M
Ω (measured at 500 V DC) Measurement location same as for break down voltage.
Type
Item
Panel mounting/PC board mounting types
Time accuracy
±100 ppm (25°C 77°F)
Vibration resistance
Functional
10 to 55 Hz (1 cycle/min.), single amplitude: 0.15 mm (10 min. on 3 axes)
Destructive
10 to 55 Hz (1 cycle/min.), single amplitude: 0.375 mm (1 hr. on 3 axes)
Shock resistance
Functional
Min. 98 m/s2 (4 times on 3 axes)
Destructive
Min. 294 m/s2 (5 times on 3 axes)
Operation temperature
–10 to +55°C +14 to +131°F (without frost or dew)
Storage temperature
–25 to +65°C –13 to +149°F (without frost or dew)
Ambient humidity
35 to 85% RH (non-condensing)
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - LH2H-FE-HMK-DL

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LH2 GOOD-ARK-LH2 Datasheet
188Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
logo
MORNSUN Science& Techno...
LH20-10A05 MORNSUN-LH20-10A05 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH20-10A05 MORNSUN-LH20-10A05 Datasheet
1Mb / 8P
   20(25)W, AC-DC converter
LH20-10A12 MORNSUN-LH20-10A12 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH20-10A12 MORNSUN-LH20-10A12 Datasheet
1Mb / 8P
   20(25)W, AC-DC converter
More results

Similar Description - LH2H-FE-HMK-DL

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
RQ72024V NHP-RQ72024V Datasheet
948Kb / 2P
   HOUR RUN METER 24V AC
11 October 2022,
logo
Sames
RM4104ASEB SAMES-RM4104ASEB Datasheet
252Kb / 16P
   Low-Cost Watt-Hour Energy Meter
logo
NHP Electrical Engineer...
RQ4801080VDC NHP-RQ4801080VDC Datasheet
947Kb / 2P
   HOUR RUN METER 10-80V DC
25 March 2023,
RQ48024VAC NHP-RQ48024VAC Datasheet
948Kb / 2P
   HOUR RUN METER 24V 50Hz AC
11 October 2022,
D20-240V NHP-D20-240V Datasheet
607Kb / 2P
   HOUR RUN METER 240V AC (ANYA3)
11 October 2022,
RQ480415VAC NHP-RQ480415VAC Datasheet
948Kb / 2P
   HOUR RUN METER 415V 50Hz AC
11 October 2022,
RQ720240V NHP-RQ720240V Datasheet
948Kb / 2P
   HOUR RUN METER 240V 50Hz AC
11 October 2022,
RQ7201080VDC NHP-RQ7201080VDC Datasheet
859Kb / 2P
   HOUR RUN METER 10-80V DC 72mm
11 October 2022,
logo
FOTEK CONTROLS CO., LTD...
SC-362M FOTEK-SC-362M Datasheet
1Mb / 2P
   DIN 72x72 COUNTER&METER
logo
Sames
RM4301ASEA SAMES-RM4301ASEA Datasheet
461Kb / 19P
   Low-Cost Three-Phase Watt-Hour Energy Meter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com