Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5206BRU10-REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5206BRU10-REEL7
Description  4-/6-Channel Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5206BRU10-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5206BRU10-REEL7 Datasheet HTML 2Page - Analog Devices AD5206BRU10-REEL7 Datasheet HTML 3Page - Analog Devices AD5206BRU10-REEL7 Datasheet HTML 4Page - Analog Devices AD5206BRU10-REEL7 Datasheet HTML 5Page - Analog Devices AD5206BRU10-REEL7 Datasheet HTML 6Page - Analog Devices AD5206BRU10-REEL7 Datasheet HTML 7Page - Analog Devices AD5206BRU10-REEL7 Datasheet HTML 8Page - Analog Devices AD5206BRU10-REEL7 Datasheet HTML 9Page - Analog Devices AD5206BRU10-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5204/AD5206
Rev. C | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 2.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VSS to GND
0 V to −7 V
VDD to VSS
7 V
VA, VB, VW to GND
VSS, VDD
IA, IB, IW
Pulsed1
±20 mA
Continuous
10 kΩ End-to-End Resistance
±11 mA
50 kΩ and 100 kΩ End-to-End
Resistance
±2.5 mA
Digital Input and Output Voltage
to GND
−0.3 V to (VDD + 0.3 V) or 7 V
(whichever is less)
Operating Temperature Range
−40°C to +85°C
Maximum Junction Temperature
(TJ max)
150°C
Storage Temperature
−65°C to +150°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
20 sec to 40 sec
Package Power Dissipation
(TJ max − TA)/θJA
Thermal Resistance, θJA2
PDIP (N-24-1)
63°C/W
SOIC (RW-24)
52°C/W
TSSOP (RU-24)
50°C/W
LFCSP (CP-32-3)
32.5°C/W
ESD CAUTION
1 Maximum terminal current is bounded by the maximum current handling of
the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance.
2 Thermal resistance (JEDEC 4-layer (2S2P) board). Paddle soldered to board.


Similar Part No. - AD5206BRU10-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5206BRU10 AD-AD5206BRU10 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
AD5206BRU100 AD-AD5206BRU100 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
More results

Similar Description - AD5206BRU10-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
AD5204 AD-AD5204_10 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com