Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL255 Datasheet(PDF) 1 Page - First Components International

Part # RL255
Description  2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS DIFFUSED JUNCTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

RL255 Datasheet(HTML) 1 Page - First Components International

  RL255 Datasheet HTML 1Page - First Components International RL255 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
n DIFFUSED JUNCTION
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
RL251 . . . RL257 Series
Data Sheet
2.5 Amp MINIATURE
PLASTIC SILICON RECTIFIERS
Units
Volts
Volts
Volts
............................................. 2.5 ...............................................
............................................. 150 ...............................................
........................................ -65 to 175 .........................................
............................................. 1.1 ...............................................
............................................. 5.0 ...............................................
............................................. 50 ...............................................
............................................. 28 ...............................................
Amps
Amps
°C
Volts
µAmps
µAmps
pF
°C / W
RL251
RL252
RL253
RL254 RL255 RL256
RL257
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
n LOW COST
n LOW LEAKAGE
Page 9-10
Average Forward Rectified Current...I
F(av)
T
A = 75°C (Note 3)
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage @ 2.5A...V
F
Maximum DC Reverse Current...I
R
25°C
@ Rated DC Blocking Voltage
100°C
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJA (Note 2)
< .................... 50 ................... > < ............. 25 ............ >
.230
.300
1.00 Min.
.031 typ.
.104
.140
JEDEC
D0-15
Electrical Characteristics


Similar Part No. - RL255

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL255 RECTRON-RL255 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
logo
SEMTECH ELECTRONICS LTD...
RL255 SEMTECH_ELEC-RL255 Datasheet
209Kb / 1P
   GENERAL PURPOSE PLASTIC RECTIFIERS
logo
Nanjing International G...
RL255 DGNJDZ-RL255 Datasheet
849Kb / 2P
   2.5 AMP SILICON RECTIFIERS
logo
GOOD-ARK Electronics
RL255 GOOD-ARK-RL255 Datasheet
199Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shanghai Lunsure Electr...
RL255 CHENYI-RL255 Datasheet
48Kb / 3P
   2.5Amp silicon rectifier 50to1000 volts
More results

Similar Description - RL255

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
RL251 FCI-RL251 Datasheet
148Kb / 2P
   2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
RL251S FCI-RL251S Datasheet
146Kb / 2P
   2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
BY550-50 FCI-BY550-50 Datasheet
4Mb / 2P
   5.0 Amps Miniature PLASTIC SILICON RECTIFIERS Diffused junction
1N5391 FCI-1N5391 Datasheet
144Kb / 2P
   1.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
FR6A01 FCI-FR6A01 Datasheet
131Kb / 2P
   6.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
F1A1 FCI-F1A1_1 Datasheet
126Kb / 2P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N4001 FCI-1N4001 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N5400 FCI-1N5400 Datasheet
149Kb / 2P
   3.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
1N2069 NJSEMI-1N2069 Datasheet
129Kb / 1P
   DIFFUSED-JUNCTION SILICON RECTIFIERS
logo
First Components Intern...
FR10A01 FCI-FR10A01 Datasheet
132Kb / 2P
   10 Amp MINIATURE PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com