Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG411BRUZ-REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG411BRUZ-REEL7
Description  LC2MOS Precision Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG411BRUZ-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG411BRUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG411BRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG411BRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG411BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG411BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG411BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG411BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG411BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG411BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG411/ADG412/ADG413
Rev. D | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN1
D1
S1
VSS
GND
S4
D4
IN4
IN2
D2
S2
VDD
VL
S3
D3
IN3
ADG411/
ADG412/
ADG413
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 8, 9, 16
IN1–IN4
Logic Control Input.
2, 7, 10, 15
D1–D4
Drain Terminal. Can be an input or output.
3, 6, 11, 14
S1–S4
Source Terminal. Can be an input or output.
4
VSS
Most Negative Power Supply Potential in Dual Supplies. In single supply applications, it may be
connected to GND.
5
GND
Ground (0 V) Reference.
12
VL
Logic Power Supply (5 V).
13
VDD
Most Positive Power Supply Potential.


Similar Part No. - ADG411BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG411BRU AD-ADG411BRU Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
More results

Similar Description - ADG411BRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG411 AD-ADG411 Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
ADG433ABRZ AD-ADG433ABRZ Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG431 AD-ADG431 Datasheet
119Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. B
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com