Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB2211 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # VB2211
Description  Multiple Limit Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

VB2211 Datasheet(HTML) 7 Page - Omron Electronics LLC

  VB2211 Datasheet HTML 1Page - Omron Electronics LLC VB2211 Datasheet HTML 2Page - Omron Electronics LLC VB2211 Datasheet HTML 3Page - Omron Electronics LLC VB2211 Datasheet HTML 4Page - Omron Electronics LLC VB2211 Datasheet HTML 5Page - Omron Electronics LLC VB2211 Datasheet HTML 6Page - Omron Electronics LLC VB2211 Datasheet HTML 7Page - Omron Electronics LLC VB2211 Datasheet HTML 8Page - Omron Electronics LLC VB2211 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
198
Multiple Limit Switch
VB
Tightening Torque
1. Tighten each cover mounting screw to a torque of 1.18 to
1.37 N·m.
2. Tighten each switch terminal screw to a torque of 0.20 to
0.49 N·m if the mounting screw is M3 in size.
Be sure to wire each solderless terminal correctly with a screw as
shown below.
3. Apply a torque of 5.88 to 6.86 N·m to tighten each mounting bolt
of the casing if the mounting bolt is an Allen-head bolt that is M6
in size. Apply a torque of 8.04 to 9.22 N·m instead if the mounting
bolt is an Allen-head bolt that is M8 in size.
■ Mounting
Mounting Holes
Wiring
Connect a cable with a thickness of 0.75 mm2 to the VB Multiple Limit
Switch through the M3 round solderless terminals with insulation
covers.
Dimensions of Round Solderless Terminal
dz dia.: 3.2
D dia.:
1.9
B:
5.2
L:
16.4
F:
5.8
l:
8.0 (mm)
Wiring (Ground Terminal Models)
Note: Consult your OMRON representative for details on models with
3 to 6 plungers.
Others
Carefully connect a conduit to each conduit hole and apply a seal or
tape to seal the conduit hole so that cuttings or other materials will
not penetrate through the conduit hole.
Use the SC Connector. Consult your OMRON representative for
details on SC Connectors.
Make sure that the position of the actuator that is traveling does not
exceed the overtravel (OT) position.
Make sure that the operating stroke is 70% to 100% of the specified
OT distance.
Solderless terminal
Terminal screw
Correct
Incorrect
With a Flange Switch Box
Four, 6.5-dia. or
M6 mounting
holes
Two, 8.5-dia. or
M8 mounting
holes
Two, 6 dia.
-0.05/−0.15
protruding positions
Without a Flange Switch Box
Two, 8.5-dia. or
M8 mounting
holes
D dia.
dZ dia.
Ground terminal
SC connector
Built-in switch
VB


Similar Part No. - VB2211

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VB2212N VBSEMI-VB2212N Datasheet
707Kb / 9P
   P-Channel 20 V (D-S) MOSFET
More results

Similar Description - VB2211

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
VB-2211 OMRON-VB-2211 Datasheet
671Kb / 5P
   Multiple Limit Switch
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
   LIMIT SWITCH
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
   LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
   LIMIT SWITCH
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
   Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
   Limit switch box
7/20/22
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
   Vibration Limit Switch
2020-10-05
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
   TEMPERATURE LIMIT SWITCH
logo
Festo Corporation.
8137105 FESTO-8137105 Datasheet
92Kb / 2P
   Limit switch box
7/20/22
8137098 FESTO-8137098 Datasheet
88Kb / 2P
   Limit switch box
7/20/22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com