Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM5401ARWZ-RL Datasheet(PDF) 7 Page - Analog Devices

Part # ADUM5401ARWZ-RL
Description  Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5401ARWZ-RL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADUM5401ARWZ-RL Datasheet HTML 3Page - Analog Devices ADUM5401ARWZ-RL Datasheet HTML 4Page - Analog Devices ADUM5401ARWZ-RL Datasheet HTML 5Page - Analog Devices ADUM5401ARWZ-RL Datasheet HTML 6Page - Analog Devices ADUM5401ARWZ-RL Datasheet HTML 7Page - Analog Devices ADUM5401ARWZ-RL Datasheet HTML 8Page - Analog Devices ADUM5401ARWZ-RL Datasheet HTML 9Page - Analog Devices ADUM5401ARWZ-RL Datasheet HTML 10Page - Analog Devices ADUM5401ARWZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
ADuM5401/ADuM5402/ADuM5403/ADuM5404
Rev. C | Page 7 of 28
Table 9. Input and Output Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC SPECIFICATIONS
Logic High Input Threshold
V
IH
0.7 × V
ISO or 0.7 × VDD1
V
Logic Low Input Threshold
V
IL
0.3 × V
ISO or 0.3 ×
V
DD1
V
Logic High Output Voltages
V
OH
V
DD1 − 0.3 or VISO − 0.3
3.3
V
I
Ox = −20 µA, VIx = VIxH
V
DD1 − 0.5 or VISO − 0.5
3.1
V
I
Ox = −4 mA, VIx = VIxH
Logic Low Output Voltages
V
OL
0.0
0.1
V
I
Ox = 20 µA, VIx = VIxL
0.0
0.4
V
I
Ox = 4 mA, VIx = VIxL
Undervoltage Lockout
UVLO
V
DD1, VDDL, VISO supplies
Positive Going Threshold
V
UV+
2.7
V
Negative Going Threshold
V
UV−
2.4
V
Hysteresis
V
UVH
0.3
V
Input Currents per Channel
I
I
−10
+0.01
+10
µA
0 V ≤ V
Ix ≤ VDDx
AC SPECIFICATIONS
Output Rise/Fall Time
t
R/tF
2.5
ns
10% to 90%
Common-Mode Transient
Immunity1
|CM|
25
35
kV/µs
V
Ix = VDD1 or VISO, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
f
r
1.0
Mbps
1 |CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining V
O > 0.7 × VDD1 or 0.7 × VISO for a high output or VO < 0.3 × VDD1 or 0.3 × VISO for a
low output. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges.


Similar Part No. - ADUM5401ARWZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401ARWZ AD-ADUM5401ARWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5401ARWZ AD-ADUM5401ARWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401ARWZ AD-ADUM5401ARWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401ARWZ AD-ADUM5401ARWZ Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
ADUM5401ARWZ AD-ADUM5401ARWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results

Similar Description - ADUM5401ARWZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5402CRWZ-RL AD-ADUM5402CRWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402ARWZ-RL AD-ADUM5402ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401_V01 Datasheet
453Kb / 29P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. E
ADUM5401CRWZ-RL AD-ADUM5401CRWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402WCRWZ AD-ADUM5402WCRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com