Electronic Components Datasheet Search |
|
ADG413BN Datasheet(PDF) 10 Page - Analog Devices |
|
ADG413BN Datasheet(HTML) 10 Page - Analog Devices |
10 / 16 page ADG411/ADG412/ADG413 Rev. D | Page 10 of 16 APPLICATIONS Figure 13 illustrates a precise, fast, sample-and-hold circuit. An AD845 is used as the input buffer while the output operational amplifier is an AD711. During the track mode, SW1 is closed and the output VOUT follows the input signal VIN. In the hold mode, SW1 is opened and the signal is held by the hold capacitor CH. Due to switch and capacitor leakage, the voltage on the hold capacitor decreases with time. The ADG411/ADG412/ADG413 minimizes this droop due to its low leakage specifications. The droop rate is further minimized by the use of a polystyrene hold capacitor. The droop rate for the circuit shown is typically 30 μV/μs. A second switch, SW2, which operates in parallel with SW1, is included in this circuit to reduce pedestal error. Since both switches are at the same potential, they have a differential effect on the op amp AD711, which minimizes charge injection effects. Pedestal error is also reduced by the compensation network RC and CC. This compensation network also reduces the hold time glitch while optimizing the acquisition time. Using the illustrated op amps and component values, the pedestal error has a maximum value of 5 mV over the ±10 V input range. Both the acquisition and settling times are 850 ns. +15V –15V 2200pF RC 75 Ω CC 1000pF CH 2200pF VOUT ADG411 ADG412 ADG413 SW2 SW1 S S D D +15V +5V –15V AD845 +15V –15V VIN AD711 Figure 13. Fast, Accurate Sample-and-Hold |
Similar Part No. - ADG413BN |
|
Similar Description - ADG413BN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |