Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM2S-2511 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # XM2S-2511
Description  The D-sub Connector Series Enters a New Era with Lead-free Products.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM2S-2511 Datasheet(HTML) 7 Page - Omron Electronics LLC

  XM2S-2511 Datasheet HTML 1Page - Omron Electronics LLC XM2S-2511 Datasheet HTML 2Page - Omron Electronics LLC XM2S-2511 Datasheet HTML 3Page - Omron Electronics LLC XM2S-2511 Datasheet HTML 4Page - Omron Electronics LLC XM2S-2511 Datasheet HTML 5Page - Omron Electronics LLC XM2S-2511 Datasheet HTML 6Page - Omron Electronics LLC XM2S-2511 Datasheet HTML 7Page - Omron Electronics LLC XM2S-2511 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1048
Text
D-Sub Connectors - XM3-L/XM2-L/XM4K/XM4L
Ordering Information
Lock screw
M2.6 x 0.45 metric screws
M3 x 0.5 metric screws
#4-40 UNC inch screws
Anchor 1
XM2Z-0001
XM2Z-0002
XM2Z-0003
Applicable
Anchor 2
XM2Z-0011
XM2Z-0012
XM2Z-0013
Anchors
Anchor 3
XM2Z-0021
XM2Z-0022
XM2Z-0023
No. of contacts
9
XM2S-0911
XM2S-0912
XM2S-0913
15
XM2S-1511
XM2S-1512
XM2S-1513
25
XM2S-2511
XM2S-2512
XM2S-2513
37
XM2S-3711
XM2S-3712
XM2S-3713
No. of contacts
A
B
C
D
E
F
15
40.5
33.32
26.5
19
30
10
25
54.0
47.04
40
29
38
11
37
70.5
63.50
57
42
50
13
Note: Select D-sub Connectors with Anchors or Grounding Fixtures that fit the lock screw of the Hood.
2.35 dia.
Screw A
4 dia.
Materials and Finish
Brass/nickel plated
Dimensions
Dimensions
9-contact Hoods
XM2S-0911
(M2.6 x 0.45 metric screws)
XM2S-0912
(M3 x 0.5 metric screws)
XM2S-0913
(#4-40 UNC inch screws)
XM2S Hood Covers
Accessories (Sold Separately)
Anchor 5 (For Jackscrews and XM2S Hood)
XM2Z-0071 (M2.6 ¥ 0.45 metric screws)
XM2Z-0072 (M3 ¥ 0.5 metric screws )
XM2Z-0073 (#4-40 UNC inch screws)
15-, 25- and 37-contact Hoods
XM2S-@@11
(M2.6 x 0.45 metric screws )
XM2S-@@12
(M3 x 0.5 metric screws )
XM2S-@@13
(#4-40 UNC inch screws)
Max. applicable diameter: 9 dia.
Max. applicable cable diameter: F dia.
Lock screw
M2.6
× 0.45
M3
× 0.5
#4-40 UNC
Lock screw
M2.6
× 0.45
M3
× 0.5
#4-40 UNC
Model
A
XM2Z-0071
M2.6 x 0.45
XM2Z-0072
M3 x 0.5
XM2Z-0073
#4-40 UNC
Dimensions
Omron A5 Catalogue 2007 915-1072
12/9/06
10:05 am
Page 1048


Similar Part No. - XM2S-2511

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XM2S-0911 OMRON-XM2S-0911 Datasheet
3Mb / 34P
   Non-contact Data Communications System
XM2S-0911 OMRON-XM2S-0911 Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
XM2S-0911-S003 OMRON-XM2S-0911-S003 Datasheet
984Kb / 5P
   Programmable Terminals
XM2S-0913 OMRON-XM2S-0913 Datasheet
576Kb / 1P
   D-sub Connectors Ideal for Interfacing with OA Equipment
XM2S-1513 OMRON-XM2S-1513 Datasheet
3Mb / 14P
   The D-sub Connector are Ideal for Office Automation Interfacing
More results

Similar Description - XM2S-2511

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WF04P WALSIN-WF04P Datasheet
513Kb / 8P
   RoHS exemption free and Lead free products
logo
A-Data Technology
CH11 A-DATA-CH11 Datasheet
1Mb / 1P
   Ushering in a new era of USB 3.0 transfer performance the CH11 is an external hard drive with high-speed
logo
WALSIN TECHNOLOGY CORPO...
MF06P WALSIN-MF06P Datasheet
601Kb / 10P
   RoHS compliant and Halogen free and Lead free products
logo
Molex Electronics Ltd.
39-29-5247 MOLEX-39-29-5247 Datasheet
317Kb / 2P
   NEW MINI FIT CONNECTOR HEADER HOUSING ASSY -LEAD FREE-
logo
Littelfuse
438-GT LITTELFUSE-438-GT Datasheet
565Kb / 3P
   The 438GT Series is a 100% Lead-free, RoHS compliant
logo
WALSIN TECHNOLOGY CORPO...
WF10P WALSIN-WF10P Datasheet
620Kb / 9P
   R oHS compliant and Lead free products
logo
List of Unclassifed Man...
PBL04 ETC2-PBL04 Datasheet
60Kb / 1P
   NEW PRODUCTS FROM BCL
logo
Murata Manufacturing Co...
TZY2Z010A001B00 MURATA-TZY2Z010A001B00 Datasheet
192Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
TZY2R200AC01B00 MURATA-TZY2R200AC01B00 Datasheet
200Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
TZY2R250A001B00 MURATA-TZY2R250A001B00 Datasheet
192Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com