Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM2S-2511 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XM2S-2511
Description  The D-sub Connector Series Enters a New Era with Lead-free Products.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XM2S-2511 Datasheet(HTML) 4 Page - Omron Electronics LLC

  XM2S-2511 Datasheet HTML 1Page - Omron Electronics LLC XM2S-2511 Datasheet HTML 2Page - Omron Electronics LLC XM2S-2511 Datasheet HTML 3Page - Omron Electronics LLC XM2S-2511 Datasheet HTML 4Page - Omron Electronics LLC XM2S-2511 Datasheet HTML 5Page - Omron Electronics LLC XM2S-2511 Datasheet HTML 6Page - Omron Electronics LLC XM2S-2511 Datasheet HTML 7Page - Omron Electronics LLC XM2S-2511 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1045
Text
D-Sub Connectors - XM3-L/XM2-L/XM4K/XM4L
Dimensions
D-sub Sockets with Right-angle DIP Terminals
XM3B-0942-132L
XM3B-1542-132L
XM3B-2542-132L
2.77
7.9
1.6
5.8
8.1
2.84
3.18
#4-40 UNC
(3.9)
5.8
18.4
2.84
C
B
A
D
±0.1
2.77
±0.1
2.84
±0.1
8.1
±0.1
B
±0.1
Board edge
Mounting holes (t = 1.6 mm, bottom view)
N, 1
±0.1 dia.
Two, 3.05
±0.1 dia.
No. of
A
B
C
D
contacts
(N)
9
30.8 24.99
16.33 6.96
15
39.1 33.32
24.66 6.96
25
53.0 47.04
38.38 6.91
D-sub Plugs with Right-angle DIP Terminals
XM2C-0942-132L
XM2C-1542-132L
XM2C-2542-132L
8.3
1.6
6
8.1
2.84
3.18
#4-40 UNC
(3.9)
5.8
18.6
2.84
C
B
A
D
±0.1
2.77
±0.1
Board edge
2.84
±0.1
8.1
±0.1
B
±0.1
Mounting holes (t = 1.6 mm, bottom view)
N, 1
±0.1 dia.
Two, 3.05
±0.1 dia.
No. of
A
B
C
D
contacts
(N)
9
30.8 24.99
16.92 6.96
15
39.1 33.32
25.25 6.96
25
53.0 47.04
38.96 6.91
D-sub Plugs with Straight DIP Terminals
XM2E-0940-132L
XM2E-1540-132L
XM2E-2540-132L
2.77
8.3
6
6.2
3.8
2.84
10.7
#4-40 UNC
5.8
0.35
3.25
0.6 dia.
D
12.55
7
3.4
2.84
C
B
A
E
±0.1
2.77
±0.1
2.84
±0.1
B
±0.1
Mounting holes (t = 1.6 mm, bottom view)
N, 1
±0.1 dia.
Two, 3.2 +0.1
−0
dia.
No. of
A
B
C
D
E
contacts
(N)
9
30.8 24.99
16.92 19.23
6.96
15
39.1 33.32
25.25 27.56
6.96
25
53.0 47.04
38.96 41.28
6.91
Omron A5 Catalogue 2007 915-1072
12/9/06
10:05 am
Page 1045


Similar Part No. - XM2S-2511

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XM2S-0911 OMRON-XM2S-0911 Datasheet
3Mb / 34P
   Non-contact Data Communications System
XM2S-0911 OMRON-XM2S-0911 Datasheet
16Mb / 59P
   RFID Systems with ISO/IEC 18000-3(15693) Compliance
XM2S-0911-S003 OMRON-XM2S-0911-S003 Datasheet
984Kb / 5P
   Programmable Terminals
XM2S-0913 OMRON-XM2S-0913 Datasheet
576Kb / 1P
   D-sub Connectors Ideal for Interfacing with OA Equipment
XM2S-1513 OMRON-XM2S-1513 Datasheet
3Mb / 14P
   The D-sub Connector are Ideal for Office Automation Interfacing
More results

Similar Description - XM2S-2511

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WF04P WALSIN-WF04P Datasheet
513Kb / 8P
   RoHS exemption free and Lead free products
logo
A-Data Technology
CH11 A-DATA-CH11 Datasheet
1Mb / 1P
   Ushering in a new era of USB 3.0 transfer performance the CH11 is an external hard drive with high-speed
logo
WALSIN TECHNOLOGY CORPO...
MF06P WALSIN-MF06P Datasheet
601Kb / 10P
   RoHS compliant and Halogen free and Lead free products
logo
Molex Electronics Ltd.
39-29-5247 MOLEX-39-29-5247 Datasheet
317Kb / 2P
   NEW MINI FIT CONNECTOR HEADER HOUSING ASSY -LEAD FREE-
logo
Littelfuse
438-GT LITTELFUSE-438-GT Datasheet
565Kb / 3P
   The 438GT Series is a 100% Lead-free, RoHS compliant
logo
WALSIN TECHNOLOGY CORPO...
WF10P WALSIN-WF10P Datasheet
620Kb / 9P
   R oHS compliant and Lead free products
logo
List of Unclassifed Man...
PBL04 ETC2-PBL04 Datasheet
60Kb / 1P
   NEW PRODUCTS FROM BCL
logo
Murata Manufacturing Co...
TZY2Z010A001B00 MURATA-TZY2Z010A001B00 Datasheet
192Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
TZY2R200AC01B00 MURATA-TZY2R200AC01B00 Datasheet
200Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
TZY2R250A001B00 MURATA-TZY2R250A001B00 Datasheet
192Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com