Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF10501 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF10501
Description  MICROWAVE POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF10501 Datasheet(HTML) 4 Page - Motorola, Inc

  MRF10501 Datasheet HTML 1Page - Motorola, Inc MRF10501 Datasheet HTML 2Page - Motorola, Inc MRF10501 Datasheet HTML 3Page - Motorola, Inc MRF10501 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MRF10500 MRF10501
2–4
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 355D–02
ISSUE B
MRF10500
STYLE 1:
PIN 1. COLLECTOR
2. EMITTER
3. BASE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
D
E
J
H
M
2
3
1
U
R
–A–
–B–
Q 2 PL
M
A
M
0.76 (0.030)
B M
T
K
N
C
SEATING
PLANE
–T–
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.990
1.010
25.15
25.65
B
0.375
0.395
9.53
10.03
C
0.150
0.165
3.81
4.19
D
0.195
0.205
4.95
5.21
E
0.055
0.065
1.40
1.65
H
0.120
0.130
3.05
3.30
J
0.003
0.006
0.08
0.15
K
0.570
0.630
14.48
16.00
M
45 REF
45 REF
N
0.590
0.610
14.99
15.49
Q
0.115
0.125
2.92
3.18
R
0.395
0.405
10.03
10.29
U
0.800 BSC
20.32 BSC
_
_
CASE 355H–01
ISSUE A
MRF10501
1
2
3
U
D
R
K
M
N
E
C
J
H
SEATING
PLANE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. COLLECTOR
2. EMITTER
3. BASE
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.990
1.010
25.15
25.65
INCHES
B
0.375
0.395
9.53
10.03
C
0.150
0.165
3.81
4.19
D
0.195
0.205
4.95
5.21
E
0.055
0.065
1.40
1.65
H
0.120
0.130
3.05
3.30
J
0.003
0.006
0.08
0.15
K
0.780
0.820
19.81
20.83
M
45 REF
45 REF
N
0.590
0.610
14.99
15.49
Q
0.115
0.125
2.92
3.18
R
0.395
0.405
10.03
10.29
U
0.800 BSC
20.32 BSC
_
_
–A–
–B–
2 PL
Q
M
A
M
0.76 (0.030)
B M
T
–T–
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers:
USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036.
EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England.
JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan.
ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
MRF10500/D
*MRF10500/D*


Similar Part No. - MRF10501

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF10502 MACOM-MRF10502 Datasheet
142Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10502 MA-COM-MRF10502 Datasheet
188Kb / 6P
   Microwave Pulse Power Silicon NPN Transistor 500W (peak), 1025-1150MHz
MRF10502 MA-COM-MRF10502 Datasheet
188Kb / 6P
   Microwave Pulse Power Silicon NPN Transistor
logo
New Jersey Semi-Conduct...
MRF10502 NJSEMI-MRF10502 Datasheet
76Kb / 2P
   Designed for 1025-1150 MHz pulse common base amplifier
logo
M/A-COM Technology Solu...
MRF10502 MA-COM-MRF10502_15 Datasheet
188Kb / 6P
   Microwave Pulse Power Silicon NPN Transistor
More results

Similar Description - MRF10501

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1150MA MOTOROLA-MRF1150MA Datasheet
128Kb / 5P
   MICROWAVE POWER TRANSISTORS
MRW3001 MOTOROLA-MRW3001 Datasheet
153Kb / 6P
   MICROWAVE POWER TRANSISTORS
MRF1015MA MOTOROLA-MRF1015MA Datasheet
110Kb / 4P
   MICROWAVE POWER TRANSISTORS
MRW2001 MOTOROLA-MRW2001 Datasheet
102Kb / 6P
   MICROWAVE POWER TRANSISTORS
MRF1002MA MOTOROLA-MRF1002MA Datasheet
109Kb / 6P
   MICROWAVE POWER TRANSISTORS
MRF1035MB MOTOROLA-MRF1035MB Datasheet
100Kb / 4P
   MICROWAVE POWER TRANSISTORS
MRF1090MA MOTOROLA-MRF1090MA Datasheet
104Kb / 6P
   MICROWAVE POWER TRANSISTORS
MRW54001 MOTOROLA-MRW54001 Datasheet
62Kb / 4P
   MICROWAVE LINEAR POWER TRANSISTORS
logo
NXP Semiconductors
PTB32001X PHILIPS-PTB32001X Datasheet
66Kb / 12P
   NPN microwave power transistors
1997 Feb 18
logo
Motorola, Inc
MRF3094 MOTOROLA-MRF3094 Datasheet
65Kb / 6P
   MICROWAVE LINEAR POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com