Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF10501 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF10501
Description  MICROWAVE POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF10501 Datasheet(HTML) 1 Page - Motorola, Inc

  MRF10501 Datasheet HTML 1Page - Motorola, Inc MRF10501 Datasheet HTML 2Page - Motorola, Inc MRF10501 Datasheet HTML 3Page - Motorola, Inc MRF10501 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2–1
MRF10500 MRF10501
MOTOROLA RF DEVICE DATA
The RF Line
Microwave Pulse
Power Transistors
. . . designed for 1025 – 1150 MHz pulse common base amplifier applications
such as TCAS, TACAN and Mode–S transmitters.
• Guaranteed Performance @ 1090 MHz
Output Power = 500 Watts Peak
Gain = 8.5 dB Min, 9.0 dB (Typ)
• 100% Tested for Load Mismatch at All Phase Angles with 10:1 VSWR
• Hermetically Sealed Industry Package
• Silicon Nitride Passivated
• Gold Metallized, Emitter Ballasted for Long Life and Resistance to Metal
Migration
• Internal Input and Output Matching
• Characterized with 10 µs, 1% Duty Cycle Pulses
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCES
65
Vdc
Collector–Base Voltage
VCBO
65
Vdc
Emitter–Base Voltage
VEBO
3.5
Vdc
Collector Current — Peak (1)
IC
29
Adc
Total Device Dissipation @ TC = 25°C (1), (2)
Derate above 25
°C
PD
1460
8.3
Watts
W/
°C
Storage Temperature Range
Tstg
– 65 to + 200
°C
Junction Temperature
TJ
200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case (3)
R
θJC
0.12
°C/W
NOTES:
1. Under pulse RF operating conditions.
2. These devices are designed for RF operation. The total device dissipation rating applies only when the devices are operated as pulsed RF
amplifiers.
3. Thermal Resistance is determined under specified RF operating conditions by infrared measurement techniques. (Worst case
θJC value
measured @ 32
µs, 2%.)
Order this document
by MRF10500/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF10500
MRF10501
500 W (PEAK)
1025 – 1150 MHz
MICROWAVE POWER
TRANSISTORS
NPN SILICON
CASE 355D–02, STYLE 1
MRF10500
CASE 355H–01, STYLE 1
MRF10501
© Motorola, Inc. 1994
REV 6


Similar Part No. - MRF10501

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF10502 MACOM-MRF10502 Datasheet
142Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10502 MA-COM-MRF10502 Datasheet
188Kb / 6P
   Microwave Pulse Power Silicon NPN Transistor 500W (peak), 1025-1150MHz
MRF10502 MA-COM-MRF10502 Datasheet
188Kb / 6P
   Microwave Pulse Power Silicon NPN Transistor
logo
New Jersey Semi-Conduct...
MRF10502 NJSEMI-MRF10502 Datasheet
76Kb / 2P
   Designed for 1025-1150 MHz pulse common base amplifier
logo
M/A-COM Technology Solu...
MRF10502 MA-COM-MRF10502_15 Datasheet
188Kb / 6P
   Microwave Pulse Power Silicon NPN Transistor
More results

Similar Description - MRF10501

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1150MA MOTOROLA-MRF1150MA Datasheet
128Kb / 5P
   MICROWAVE POWER TRANSISTORS
MRW3001 MOTOROLA-MRW3001 Datasheet
153Kb / 6P
   MICROWAVE POWER TRANSISTORS
MRF1015MA MOTOROLA-MRF1015MA Datasheet
110Kb / 4P
   MICROWAVE POWER TRANSISTORS
MRW2001 MOTOROLA-MRW2001 Datasheet
102Kb / 6P
   MICROWAVE POWER TRANSISTORS
MRF1002MA MOTOROLA-MRF1002MA Datasheet
109Kb / 6P
   MICROWAVE POWER TRANSISTORS
MRF1035MB MOTOROLA-MRF1035MB Datasheet
100Kb / 4P
   MICROWAVE POWER TRANSISTORS
MRF1090MA MOTOROLA-MRF1090MA Datasheet
104Kb / 6P
   MICROWAVE POWER TRANSISTORS
MRW54001 MOTOROLA-MRW54001 Datasheet
62Kb / 4P
   MICROWAVE LINEAR POWER TRANSISTORS
logo
NXP Semiconductors
PTB32001X PHILIPS-PTB32001X Datasheet
66Kb / 12P
   NPN microwave power transistors
1997 Feb 18
logo
Motorola, Inc
MRF3094 MOTOROLA-MRF3094 Datasheet
65Kb / 6P
   MICROWAVE LINEAR POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com