Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQB50N06 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQB50N06
Description  60V LOGIC N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQB50N06 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQB50N06 Datasheet HTML 1Page - Fairchild Semiconductor FQB50N06 Datasheet HTML 2Page - Fairchild Semiconductor FQB50N06 Datasheet HTML 3Page - Fairchild Semiconductor FQB50N06 Datasheet HTML 4Page - Fairchild Semiconductor FQB50N06 Datasheet HTML 5Page - Fairchild Semiconductor FQB50N06 Datasheet HTML 6Page - Fairchild Semiconductor FQB50N06 Datasheet HTML 7Page - Fairchild Semiconductor FQB50N06 Datasheet HTML 8Page - Fairchild Semiconductor FQB50N06 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1. May 2001
0
10
2030
4050
0
2
4
6
8
10
12
V
DS = 30V
V
DS = 48V
※ Note : I
D = 52.4A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
1000
2000
3000
4000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
0
10
1
10
2
175℃
※ Notes :
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
0
25
50
75
100
125
150
175
200
0
10
20
30
40
50
60
V
GS = 10V
V
GS = 5V
※ Note : T
J = 25
I
D, Drain Current [A]
02468
10
10
0
10
1
10
2
175℃
25℃
-55℃
※ Notes :
1. V
DS = 25V
2. 250μ s Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
0
10
1
10
2
V
GS
Top :
10.0 V
8.0 V
6.0 V
5.0 V
4.5 V
4.0 V
3.5 V
Bottom: 3.0 V
※ Notes :
1. 250μ s Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


Similar Part No. - FQB50N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB50N06 FAIRCHILD-FQB50N06 Datasheet
648Kb / 9P
   60V N-Channel MOSFET
FQB50N06 FAIRCHILD-FQB50N06 Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 60 V, 50 A, 22 m廓
logo
VBsemi Electronics Co.,...
FQB50N06 VBSEMI-FQB50N06 Datasheet
987Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FQB50N06 ISC-FQB50N06 Datasheet
287Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-27
logo
Fairchild Semiconductor
FQB50N06L FAIRCHILD-FQB50N06L Datasheet
836Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
More results

Similar Description - FQB50N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB20N06L FAIRCHILD-FQB20N06L Datasheet
680Kb / 9P
   60V LOGIC N-Channel MOSFET
FQP20N06L FAIRCHILD-FQP20N06L Datasheet
673Kb / 8P
   60V LOGIC N-Channel MOSFET
FQP50N06L FAIRCHILD-FQP50N06L Datasheet
647Kb / 8P
   60V LOGIC N-Channel MOSFET
FQPF20N06L FAIRCHILD-FQPF20N06L Datasheet
661Kb / 8P
   60V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU20N06L KERSEMI-KSMU20N06L Datasheet
1Mb / 8P
   60V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQP30N06L FAIRCHILD-FQP30N06L Datasheet
623Kb / 8P
   60V LOGIC N-Channel MOSFET
FQPF50N06L FAIRCHILD-FQPF50N06L Datasheet
664Kb / 8P
   60V LOGIC N-Channel MOSFET
FQU20N06L FAIRCHILD-FQU20N06L_09 Datasheet
860Kb / 9P
   60V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM50N06L KERSEMI-KSM50N06L Datasheet
1Mb / 6P
   60V LOGIC N-Channel MOSFET
KSM30N06L KERSEMI-KSM30N06L Datasheet
1Mb / 6P
   60V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
653Kb / 9P
   60V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com