Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XS2F-D421-DC0-A Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # XS2F-D421-DC0-A
Description  Round Water-resistant Connectors (M12)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-D421-DC0-A Datasheet(HTML) 3 Page - Omron Electronics LLC

  XS2F-D421-DC0-A Datasheet HTML 1Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 2Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 3Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 4Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 5Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 6Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 7Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 8Page - Omron Electronics LLC XS2F-D421-DC0-A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
XS2
3
XS2W Sockets and Plugs on Cable Ends
Model Number Legend
Use this model number legend to identify products from their model number. When ordering, use a model number from the table in Ordering Information.
XS2W-D
@2@-@@1-@
1. Type
W: Connectors connected to cable, socket and plug on cable ends
2. AC/DC (Mating Section Form)
D: For DC
3. Connector Poles
4: 4 poles
5: 5 poles
4. Contact Plating
2: 0.4-
µm gold plating
5. Cable Connection Direction
1: Straight/straight
2: L-shaped/L-shaped
3: Straight (XS2F)/L-shaped (XS2H)
4: L-shaped (XS2F)/straight (XS2H)
6. Cable Length
A: 0.3 m (straight/straight only)
B: 0.5 m (straight/straight only)
C: 1 m (straight/straight only)
D: 2 m
E: 3 m (straight/straight only)
F: 4 m (straight/straight only)
G: 5 m
H: 7 m (straight/straight only)
J: 10 m (straight/straight only)
K: 15 m (straight/straight only)
L: 20 m (straight/straight only)
7. Connections
Pin No.
Terminal No.
AB
C
D
AB
C
D
E
8: Brown White Blue Black (for DC)
G: Brown White
Blue
Black Gray
8. Connectors on One End/Both Ends
1: Both ends
9. Cable Specifications
A: Standard cable
R: Vibration-proof robot cable (straight/straight only)
F: Fire-retardant, vibration-proof cable
3
12
4
5
6
7
8
9


Similar Part No. - XS2F-D421-DC0-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
1Mb / 13P
   Line of Long-distance Photoelectric Sensors for Large Workpieces Includes Retroreflective Models with Sensing Distance of 10 m and Distance Settings Up to 2 m.
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
349Kb / 7P
   Ideal for Detecting Transparent Glass and Plastic Containers
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
More results

Similar Description - XS2F-D421-DC0-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS5 OMRON-XS5 Datasheet
2Mb / 18P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2_11 Datasheet
3Mb / 18P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2 Datasheet
3Mb / 20P
   Round Water-resistant Connectors (M12)
XS3 OMRON-XS3 Datasheet
1Mb / 14P
   Round Water-resistant Connectors (M8)
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
   WATER RESISTANT SOLENOID
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
   Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
CONEC Elektronische Bau...
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
   WSP WATER RESISTANT SPEAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com