Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC30J15A Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMC30J15A
Description  3000 W Transil?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC30J15A Datasheet(HTML) 4 Page - STMicroelectronics

  SMC30J15A Datasheet HTML 1Page - STMicroelectronics SMC30J15A Datasheet HTML 2Page - STMicroelectronics SMC30J15A Datasheet HTML 3Page - STMicroelectronics SMC30J15A Datasheet HTML 4Page - STMicroelectronics SMC30J15A Datasheet HTML 5Page - STMicroelectronics SMC30J15A Datasheet HTML 6Page - STMicroelectronics SMC30J15A Datasheet HTML 7Page - STMicroelectronics SMC30J15A Datasheet HTML 8Page - STMicroelectronics SMC30J15A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
SMC30J
4/10
Doc ID 022064 Rev 1
Figure 3.
Peak pulse power dissipation
versus initial junction temperature
(typical value)
Figure 4.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25 °C)
P (W)
PP
0
500
1000
1500
2000
2500
3000
3500
0
25
50
75
100
125
150
175
10/1000 µs
T (°C)
j
P (kW)
PP
0.1
1.0
10.0
100.0
1000.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
t(
)
P ms
T initial = 25 °C
j
Figure 5.
Clamping voltage versus peak pulse
current (exponential waveform,
maximum values)
Figure 6.
Junction capacitance versus
reverse applied voltage for
unidirectional types (typical values)
Figure 7.
Junction capacitance versus
reverse applied voltage for
bidirectional types (typical values)
Figure 8.
Peak forward voltage drop versus
peak forward current (typical
values)
I (A)
PP
0.1
1.0
10.0
100.0
1000.0
1
10
100
T initial = 25 °C
10/1000 µs
j
V (V)
CL
C(nF)
0.1
1.0
10.0
100.0
1
10
100
SMC30J5.0A
SMC30J15A
SMC30J33A
V (V)
R
F = 1 MHz
V
= 30 mV
T = 25 °C
OSC
RMS
j
C(nF)
0.1
1.0
10.0
100.0
1
10
100
SMC30J5.0CA
SMC30J15CA
SMC30J33CA
F = 1 MHz
V
= 30 mV
T = 25 °C
OSC
RMS
j
V (V)
R
I
(A)
FM
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V
(V)
FM
T = 25 °C
j
T = 150 °C
j


Similar Part No. - SMC30J15A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMC30J15A STMICROELECTRONICS-SMC30J15A Datasheet
672Kb / 13P
   3000 W TVS in SMC
Rev 7 - January 2022
SMC30J15A STMICROELECTRONICS-SMC30J15A Datasheet
132Kb / 10P
   3000 W Transil™
July 2011
More results

Similar Description - SMC30J15A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMC30J10CA STMICROELECTRONICS-SMC30J10CA Datasheet
132Kb / 10P
   3000 W Transil
SM30T28CAY STMICROELECTRONICS-SM30T28CAY Datasheet
277Kb / 12P
   Automotive 3000 W Transil
SM30T18AY STMICROELECTRONICS-SM30T18AY Datasheet
236Kb / 13P
   Automotive 3000 W Transil?
SMC30J30CA STMICROELECTRONICS-SMC30J30CA Datasheet
132Kb / 10P
   3000 W Transil™
July 2011
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com