Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC30J33A Datasheet(PDF) 7 Page - STMicroelectronics

Part # SMC30J33A
Description  3000 W Transil?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC30J33A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SMC30J33A Datasheet HTML 2Page - STMicroelectronics SMC30J33A Datasheet HTML 3Page - STMicroelectronics SMC30J33A Datasheet HTML 4Page - STMicroelectronics SMC30J33A Datasheet HTML 5Page - STMicroelectronics SMC30J33A Datasheet HTML 6Page - STMicroelectronics SMC30J33A Datasheet HTML 7Page - STMicroelectronics SMC30J33A Datasheet HTML 8Page - STMicroelectronics SMC30J33A Datasheet HTML 9Page - STMicroelectronics SMC30J33A Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SMC30J
Package information
Doc ID 022064 Rev 1
7/10
3
Package information
Case: JEDEC DO-214AB molded plastic over planar junction
Terminals: solder plated, solderable per MIL-STD-750, Method 2026
Polarity: for unidirectional types the band indicates cathode
Flammability: epoxy is rated UL94V-0
RoHS package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 4.
SMC dimensions
Ref.
dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
2.90
3.2
0.114
0.126
c
0.15
0.41
0.006
0.016
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
D
5.55
6.25
0.218
0.246
L
0.75
1.60
0.030
0.063
Figure 13. Footprint dimensions mm
(inches)
Figure 14. Marking layout(1)
1.
Marking layout can vary according to assembly location.
E
C
L
E2
E1
D
A1
A2
b
8.19
1.54
5.11
1.54
(0.061)
(0.201)
(0.322)
(0.124)
(0.061)
3.14
y w w
z
x x x
E : ECOPACK ( Leadfree ) mention
XXX : Marking
Z : Manufacturing location
Y : Year
WW : week
Cathode bar ( unidirectional
devices only )


Similar Part No. - SMC30J33A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMC30J33A STMICROELECTRONICS-SMC30J33A Datasheet
672Kb / 13P
   3000 W TVS in SMC
Rev 7 - January 2022
SMC30J33A STMICROELECTRONICS-SMC30J33A Datasheet
132Kb / 10P
   3000 W Transil™
July 2011
More results

Similar Description - SMC30J33A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMC30J10CA STMICROELECTRONICS-SMC30J10CA Datasheet
132Kb / 10P
   3000 W Transil
SM30T28CAY STMICROELECTRONICS-SM30T28CAY Datasheet
277Kb / 12P
   Automotive 3000 W Transil
SM30T18AY STMICROELECTRONICS-SM30T18AY Datasheet
236Kb / 13P
   Automotive 3000 W Transil?
SMC30J30CA STMICROELECTRONICS-SMC30J30CA Datasheet
132Kb / 10P
   3000 W Transil™
July 2011
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com