Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNV14N04 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VNV14N04
Description  "OMNIFET" fully autoprotected Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNV14N04 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VNV14N04 Datasheet HTML 2Page - STMicroelectronics VNV14N04 Datasheet HTML 3Page - STMicroelectronics VNV14N04 Datasheet HTML 4Page - STMicroelectronics VNV14N04 Datasheet HTML 5Page - STMicroelectronics VNV14N04 Datasheet HTML 6Page - STMicroelectronics VNV14N04 Datasheet HTML 7Page - STMicroelectronics VNV14N04 Datasheet HTML 8Page - STMicroelectronics VNV14N04 Datasheet HTML 9Page - STMicroelectronics VNV14N04 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical specification
VNB14N04 - VNK14N04FM - VNV14N04
6/17
Igf
(2)
Fault sink current
Vin = 10 V VDS = 13 V
Vin = 5 V VDS = 13 V
50
20
mA
mA
Eas
(2)
Single pulse avalanche energy
starting Tj = 25°C V DD = 20 V
Vin = 10 V Rgen = 1 KΩ L = 10 mH
0.65
J
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
2.
Parameters guaranteed by design/characterization
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit


Similar Part No. - VNV14N04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNV14N04 STMICROELECTRONICS-VNV14N04 Datasheet
157Kb / 14P
   ?쒹MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com