Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LVDS82DGGR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LVDS82DGGR
Description  FlatLink??RECEIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LVDS82DGGR Datasheet(HTML) 1 Page - Texas Instruments

  SN75LVDS82DGGR Datasheet HTML 1Page - Texas Instruments SN75LVDS82DGGR Datasheet HTML 2Page - Texas Instruments SN75LVDS82DGGR Datasheet HTML 3Page - Texas Instruments SN75LVDS82DGGR Datasheet HTML 4Page - Texas Instruments SN75LVDS82DGGR Datasheet HTML 5Page - Texas Instruments SN75LVDS82DGGR Datasheet HTML 6Page - Texas Instruments SN75LVDS82DGGR Datasheet HTML 7Page - Texas Instruments SN75LVDS82DGGR Datasheet HTML 8Page - Texas Instruments SN75LVDS82DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
D22
D23
D24
GND
D25
D26
D27
LVDSGND
A0M
A0P
A1M
A1P
LVDSVCC
LVDSGND
A2M
A2P
CLKINM
CLKINP
A3M
A3P
LVDSGND
PLLGND
PLLVCC
PLLGND
SHTDN
CLKOUT
D0
GND
VCC
D21
D20
D19
GND
D18
D17
D16
VCC
D15
D14
D13
GND
D12
D11
D10
VCC
D9
D8
D7
GND
D6
D5
D4
D3
VCC
D2
D1
DGG PACKAGE
(TOP VIEW)
SN75LVDS82
www.ti.com
SLLS259I
– NOVEMBER 1996 – REVISED APRIL 2011
FlatLink
™ RECEIVER
Check for Samples: SN75LVDS82
1
FEATURES
23
4:28 Data Channel Expansion at up to
238 Mbytes/s Throughput
Suited for SVGA, XGA, or SXGA Display
Data Transmission From Controller to
Display With Very Low EMI
Four Data Channels and Clock Low-Voltage
Differential Channels In and 28 Data and
Clock Low-Voltage TTL Channels Out
Operates From a Single 3.3-V Supply With
250 mW (Typ)
5-V Tolerant SHTDN Input
Falling Clock-Edge-Triggered Outputs
Packaged in Thin Shrink Small-Outline
Package (TSSOP) With 20-Mil Terminal Pitch
Consumes Less Than 1 mW When Disabled
Wide Phase-Lock Input Frequency
Range . . . 31 MHz to 68 MHz
No External Components Required for PLL
Inputs Meet or Exceed the Requirements of
ANSI EIA/TIA-644 Standard
Improved Replacement for the
National
™ DS90C582
DESCRIPTION
The SN75LVDS82 FlatLink
™ receiver contains four
serial-in, 7-bit parallel-out shift registers, a 7
× clock
synthesizer, and five low-voltage differential signaling
(LVDS) line receivers in a single integrated circuit.
These functions allow receipt of synchronous data from a compatible transmitter, such as the SN75LVDS81,
over five balanced-pair conductors, and expansion to 28 bits of single-ended low-voltage TTL (LVTTL)
synchronous data at a lower transfer rate. The SN75LVDS82 can also be used with the SN75LVDS84 or
SN75LVDS85 for 21-bit transfers.
When receiving, the high-speed LVDS data is received and loaded into registers at the rate of seven times (7
×)
the LVDS input clock (CLKIN). The data is then unloaded to a 28-bit-wide LVTTL parallel bus at the CLKIN rate.
A phase-locked loop (PLL) clock synthesizer circuit generates a 7
× clock for internal clocking and an output clock
for the expanded data. The SN75LVDS82 presents valid data on the falling edge of the output clock (CLKOUT).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
FlatLink is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 1996–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN75LVDS82DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS82DGGR TI1-SN75LVDS82DGGR Datasheet
995Kb / 20P
[Old version datasheet]   FlatLink RECEIVER
SN75LVDS82DGGRG4 TI1-SN75LVDS82DGGRG4 Datasheet
995Kb / 20P
[Old version datasheet]   FlatLink RECEIVER
More results

Similar Description - SN75LVDS82DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS86 TI1-SN75LVDS86_08 Datasheet
406Kb / 17P
[Old version datasheet]   FLATLINK RECEIVER
SN65LVDS86AQ TI-SN65LVDS86AQ Datasheet
269Kb / 15P
[Old version datasheet]   FLATLINK RECEIVER
SN75LVDS82 TI1-SN75LVDS82_15 Datasheet
995Kb / 20P
[Old version datasheet]   FlatLink RECEIVER
SN65LVDS86A-Q1 TI1-SN65LVDS86A-Q1 Datasheet
162Kb / 17P
[Old version datasheet]   FlatLink??RECEIVER
SN65LVDS822 TI1-SN65LVDS822_14 Datasheet
965Kb / 30P
[Old version datasheet]   FLATLINK??LVDS RECEIVER
SN65LVDS822 TI1-SN65LVDS822 Datasheet
418Kb / 27P
[Old version datasheet]   FLATLINK LVDS RECEIVER
SN75LVDS83B TI1-SN75LVDS83B_17 Datasheet
1Mb / 43P
[Old version datasheet]   FlatLink Transmitter
SN65LVDS93A-Q1 TI1-SN65LVDS93A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   FlatLink Transmitter
SN75LVDS84 TI1-SN75LVDS84_08 Datasheet
474Kb / 17P
[Old version datasheet]   FLATLINK TRANSMITTERS
SN65LVDS84AQ-Q1 TI1-SN65LVDS84AQ-Q1 Datasheet
223Kb / 15P
[Old version datasheet]   FlatLink??TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com