Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5630PHDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630PHDR
Description  300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5630PHDR Datasheet(HTML) 1 Page - Texas Instruments

  TAS5630PHDR Datasheet HTML 1Page - Texas Instruments TAS5630PHDR Datasheet HTML 2Page - Texas Instruments TAS5630PHDR Datasheet HTML 3Page - Texas Instruments TAS5630PHDR Datasheet HTML 4Page - Texas Instruments TAS5630PHDR Datasheet HTML 5Page - Texas Instruments TAS5630PHDR Datasheet HTML 6Page - Texas Instruments TAS5630PHDR Datasheet HTML 7Page - Texas Instruments TAS5630PHDR Datasheet HTML 8Page - Texas Instruments TAS5630PHDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
PurePath
TM HD
Class-G Power Supply
Ref. Design
110 VAC
240 VAC
®
25 V–50 V
ANALOG
AUDIO
INPUT
12 V
PurePath
TM HD
TAS5630
(2.1 Configuration)
3
OPA1632
´
±15 V
TAS5630
www.ti.com
SLES220B – JUNE 2009 – REVISED FEBRUARY 2010
300-W STEREO / 600-W MONO PurePath™ HD ANALOG-INPUT POWER STAGE
Check for Samples: TAS5630
1
FEATURES
APPLICATIONS
Mini Combo System
23
PurePath™ HD Enabled Integrated Feedback
Provides:
AV Receivers
DVD Receivers
Signal Bandwidth up to 80 kHz for
High-Frequency Content From HD Sources
Active Speakers
Ultralow 0.03% THD at 1 W into 4
DESCRIPTION
Flat THD at all Frequencies for Natural
Sound
The TAS5630 is a high-performance analog-input
class-D
amplifier
with
integrated
closed-loop
80-dB PSRR (BTL, No Input Signal)
feedback
technology
(known
as
PurePath
HD
>100-dB (A-weighted) SNR
technology) with the ability to drive up to 300 W (1)
Click- and Pop-Free Start-Up
stereo into 4-
Ω to 8-Ω speakers from a single 50-V
supply.
Multiple Configurations Possible on the Same
PCB With Stuffing Options:
PurePath
HD
technology
enables
traditional
Mono Parallel Bridge-Tied Load (PBTL)
AB-amplifier performance (<0.03% THD) levels while
providing the power efficiency of traditional class-D
Stereo Bridge-Tied Load (BTL)
amplifiers.
2.1 Single-Ended Stereo Pair and
Unlike traditional class-D amplifiers, the distortion
Bridge-Tied Load Subwoofer
curve only increases once the output levels move into
Quad Single-Ended Outputs
clipping. PurePath HD™
Total Output Power at 10% THD+N
PurePath HD technology enables lower idle losses,
600 W in Mono PBTL Configuration
making the device even more efficient. Coupled with
300 W per Channel in Stereo BTL
TI’s
class-G
power-supply
reference
design
for
Configuration
TAS563x, industry-leading levels of efficiency can be
achieved.
145 W per Channel in Quad Single-Ended
Configuration
High-Efficiency Power Stage (>88%) With
60-m
Ω Output MOSFETs
Two Thermally Enhanced Package Options:
PHD (64-Pin QFP)
DKD (44-Pin PSOP3)
Self-Protection Design (Including
Undervoltage, Overtemperature, Clipping, and
Short-Circuit Protection) With Error Reporting
EMI Compliant When Used With
Recommended System Design
(1)
Achievable output power levels are dependent on the thermal
configuration of the target application. A high-performance
thermal interface material between the exposed package heat
slug and the heat sink should be used to achieve high output
power levels.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath HD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5630PHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630PHDR TI1-TAS5630PHDR Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results

Similar Description - TAS5630PHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5630 TI1-TAS5630_10 Datasheet
2Mb / 35P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5631 TI-TAS5631 Datasheet
1Mb / 33P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI1-TAS5631_14 Datasheet
1Mb / 36P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5630BPHDR TI1-TAS5630BPHDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630BDKDR TI-TAS5630BDKDR Datasheet
2Mb / 36P
[Old version datasheet]   300-W STEREO / 400-W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630B TI1-TAS5630B_17 Datasheet
3Mb / 39P
[Old version datasheet]   300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
TAS5630B TI1-TAS5630B_15 Datasheet
2Mb / 38P
[Old version datasheet]   300-W Stereo and 400-W Mono PurePath HD Analog-Input Power Stage
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com